Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 697 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 697 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 693Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 694Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 695Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 696Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 697Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 698Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 699Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 700Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 701Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 697 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-71
Table 14-66 describes the fields of the RUND register.
14.5.3.7.21Receive Oversize Packet Counter Register (ROVR)
Figure 14-69 shows the ROVR register.
Table 14-67 describes the fields of the ROVR register.
14.5.3.7.22Receive Fragments Counter Register (RFRG)
Figure 14-70 shows the RFRG register.
Table 14-66. RUND Field Descriptions
Bits
Name
Description
0–15
—
Reserved
16–31 RUND Receive undersize packet counter. Increments each time a frame is received which is less than 64 bytes
in length and contains a valid FCS and were otherwise well formed. This count does not include range
length errors.
015 16
31
R 0
0 000000 00 0
0
0
0
0
0
ROVR
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_46D0; TSEC2:0x2_56D0
Figure 14-69. Receive Oversize Packet Counter Register Definition
Table 14-67. ROVR Field Descriptions
Bits
Name
Description
0–15
—
Reserved
16–31 ROVR Receive oversize packet counter. Increments each time a frame is received which exceeded 1518 (non
VLAN) or 1522 (VLAN) and contains a valid FCS and was otherwise well formed. This count does not
include range length errors.
0
15 16
31
R 0
0 0 0 0 0 0 0 0 0 0000
0
0
RFRG
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_46D4; TSEC2:0x2_56D4
Figure 14-70. Receive Fragments Counter Register Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com