Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 693 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 693 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 689Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 690Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 691Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 692Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 693Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 694Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 695Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 696Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 697Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 693 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-67
Table 14-58 describes the fields of the RBCA register.
14.5.3.7.13Receive Control Frame Packet Counter Register (RXCF)
Figure 14-61 shows the RXCF register.
Table 14-59 describes the fields of the RXCF register.
14.5.3.7.14Receive Pause Frame Packet Counter Register (RXPF)
Figure 14-62 shows the RXPF register.
Table 14-58. RBCA Field Descriptions
Bits
Name
Description
0–9
—
Reserved
10–31 RBCA Receive broadcast packet counter. Increments for each broadcast good frame of lengths 64 to 1518
(non VLAN) or 1522 (VLAN), excluding multicast frames. Does not include range/length errors.
015 16
31
R 0 0 000 0000 0 0
0000
0
RXCF
W
Reset
0000_0000_0000_0000)0000_0000_0000_0000
Offset
TSEC1:0x2_46B0; TSEC2:0x2_56B0
Figure 14-61. Receive Control Frame Packet Counter Register Definition
Table 14-59. RXCF Field Descriptions
Bits
Name
Description
0–15
—
Reserved
16–31 RXCF Receive control frame packet counter. Increments for each MAC control frame received (both pause
control frames and control frames unsupported by IEEE).
015 16
31
R 0 0 0 0 000 000 0 0
0 0 0
0
RXPF
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_46B4; TSEC2:0x2_56B4
Figure 14-62. Receive Pause Frame Packet Counter Register Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com