Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 689 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 689 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 685Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 686Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 687Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 688Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 689Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 690Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 691Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 692Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 693Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 689 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-63
Table 14-50 describes the fields of the TR511 register.
14.5.3.7.5 Transmit and Receive 512- to 1023-Byte Frame Counter Register
(TR1K)
Figure 14-53 shows the TR1K register.
Table 14-51 describes the fields of the TR1K register.
14.5.3.7.6 Transmit and Receive 1024- to 1518-Byte Frame Counter Register
(TRMAX)
Figure 14-54 shows the TRMAX register.
Table 14-50. TR511 Field Descriptions
Bits
Name
Description
0–9
—
Reserved
10–31 TR511 Increments for each good or bad frame transmitted and received which is 256 to 511 bytes in length,
inclusive (excluding preamble and SFD but including FCS bytes)
09
10
31
R 0
0 0 0 000000
TR1K
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_4690; TSEC2:0x2_5690
Figure 14-53. Transmit and Receive 512- to 1023-Byte Frame Register Definition
Table 14-51. TR1K Field Descriptions
Bits
Name
Description
0–9
—
Reserved
10–31 TR1K Increments for each good or bad frame transmitted and received which is 512 to 1023 bytes in length,
inclusive (excluding preamble and SFD but including FCS bytes)
09
10
31
R 0
0 0 0 000 000
TRMAX
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_4694; TSEC2:0x2_5694
Figure 14-54. Transmit and Receive 1024- to 1518-Byte Frame Register Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com