Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 687 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 687 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 683Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 684Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 685Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 686Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 687Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 688Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 689Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 690Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 691Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 687 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-61
RMON MIB group 1, RMON MIB group 2, RMON MIB group 3, RMON MIB group 9, RMON
MIB 2, and the 802.3 Ethernet MIB.
The detection of one or more of these statistical events triggers the MSTAT module to update its
statistics counters. These counters are stored in internal data registers. The user may access the
internal data registers at any time. An interrupt can be generated upon any one counter’s rollover
condition via a carry interrupt output from the MSTAT. Each counter’s rollover condition can be
discreetly masked from causing an interrupt by internal masking registers. In addition, each
individual counter value may be reset on read access, or all counters may be simultaneously reset
by assertion of an external module input signal. Figure 14-49 shows the TR64 register.
14.5.3.7.1 Transmit and Receive 64-Byte Frame Counter Register (TR64)
Table 14-47 describes the fields of the TR64 register.
14.5.3.7.2 Transmit and Receive 65- to 127-Byte Frame Counter Register
(TR127)
Figure 14-50 shows the TR127 register.
09
10
31
R 0 0 0 00 000 00
TR64
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_4680; TSEC2:0x2_5680
Figure 14-49. Transmit and Receive 64-Byte Frame Register Definition
Table 14-47. TR64 Field Descriptions
Bits
Name
Description
0–9
—
Reserved
10–31 TR64 Transmit and receive 64-byte frame counter—Increment for each good or bad frame transmitted and
received which is 64 bytes in length, inclusive (excluding preamble and SFD but including FCS bytes)
09
10
31
R 0
0
00000000
TR127
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_4684; TSEC2:0x2_5684
Figure 14-50. Transmit and Receive 65- to 127-Byte Frame Register Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com