Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 686 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 686 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 682Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 683Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 684Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 685Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 686Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 687Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 688Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 689Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 690Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 686 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-60
Freescale Semiconductor
Three-Speed Ethernet Controllers
Table 14-45 describes the fields of the MACSTNADDR1 register.
14.5.3.6.14Station Address Register Part 2 (MACSTNADDR2)
The MACSTNADDR2 register is written by the user. Figure 14-48 shows the MACSTNADDR2
register. Note, the I/G and U/L bits of the frame’s DA field is located at the LSBs of the 1st octet
stored in MACSTNADDR2, where the I/G bit is bit 15, and the U/L bit is bit 14.
Table 14-46 describes the fields of the MACSTNADDR2 register.
14.5.3.7 MIB Registers
This section describes the MIB registers.
The TSEC MSTAT module has 37 separate statistics counters, which simply count or accumulate
statistical events that occur as packets are transmitted and received. These counters support
Table 14-45. MACSTNADDR1 Field Descriptions
Bits
Name
Description
0–7
Station Address, 6th Octet This field holds the sixth octet of the station address. The sixth octet (station
address bits 40–47) defaults to a value of 0x00.
8–15
Station Address, 5th Octet This field holds the fifth octet of the station address. The fifth octet (station address
bits 32–39) defaults to a value of 0x00.
16–23 Station Address, 4th Octet This field holds the fourth octet of the station address. The fourth octet (station
address bits 24–31) defaults to a value of 0x00.
24–31 Station Address, 3rd Octet This field holds the third octet of the station address. The third octet (station
address bits 16–23) defaults to a value of 0x00.
07
8
15 16
31
R
Station Address, 2nd
Octet
Station Address, 1st Octet
0
0
0
0
0
0
0
000
00
00
00
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_4544; TSEC2:0x2_5544
Figure 14-48. Station Address Part 2 Register Definition
Table 14-46. MACSTNADDR2 Field Descriptions
Bits
Name
Description
0–7
Station Address, 2nd
Octet
This field holds the second octet of the station address. The second octet (station
address bits 8–15) defaults to a value of 0x00.
8–15
Station Address, 1st Octet This field holds the first octet of the station address. The first octet (station address
bits 0–7) defaults to a value of 0x00.
16–31
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com