Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 682 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 682 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 678Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 679Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 680Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 681Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 682Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 683Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 684Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 685Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 686Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 682 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-56
Freescale Semiconductor
Three-Speed Ethernet Controllers
Table 14-39 describes the fields of the MIIMCOM register.
14.5.3.6.8 MII Management Address Register (MIIMADD)
The MIIMADD register is written by the user. Figure 14-42 shows the MIIMADD register.
Table 14-40 describes the fields of the MIIMADD register.
Table 14-39. MIIMCOM Field Descriptions
Bits
Name
Description
0–29
—
Reserved
30
Scan
Cycle
Scan cycle. This bit is cleared by default.
0 Normal operation.
1 The MII management continuously performs read cycles. This is useful for polling a PHY register, for
example, monitoring link fails. Data is returned in register MIIMSTAT[PHY Status].
31
Read
Cycle
Read cycle. This bit is cleared by default but is not self-clearing once set.
0 Normal operation.
1 The MII management performs a single read cycle upon the transition of this bit from 0 to 1 using the
PHY address (at MIIMADD[PHY Address]) and the register address (at MIIMADD[Register Address]).
The 0 to 1 transition of this bit also causes the MIIMIND[BUSY] bit to be set. The read is complete
when the MIIMIND[BUSY] bit clears. Data is returned in register MIIMSTAT[PHY Status].
0
18 19
23 24
26 27
31
R 000
000000
0000000
000
PHY Address
000
Register
Address
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_4528; TSEC2:0x2_5528
Figure 14-42. MIIMADD Register Definition
Table 14-40. MIIMADD Field Descriptions
Bits
Name
Description
0–18
—
Reserved
19–23
PHY Address
This field represents the 5-bit PHY address field of management cycles. Up to 31 PHYs can
be addressed (0 is reserved).
24–26
—
Reserved
27–31
Register Address This field represents the 5-bit register address field of management cycles. Up to 32
registers can be accessed. Its default value is 0x00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com