Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 678 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 678 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 674Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 675Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 676Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 677Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 678Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 679Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 680Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 681Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 682Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 678 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-52
Freescale Semiconductor
Three-Speed Ethernet Controllers
14.5.3.6.3 Inter-Packet Gap/Inter-Frame Gap Register (IPGIFG)
The IPGIFG register is written by the user. Figure 14-37 shows the IPGIFG register.
Table 14-35 describes the fields of the IPGIFG register.
0
1
7
8
9
15 16
23 24 25
31
R 0
Non-Back-to-Back
Inter-Packet-Gap,
Part 1
0
Non-Back-to-Back
Inter-Packet-Gap,
Part 2
Minimum IFG
Enforcement
0
Back-to-Back
Inter-Packet-Gap
W
Reset
0100_0000_0110_0000_0101_0000_0110_0000
Offset
TSEC1:0x2_4508; TSEC2:0x2_5508
Figure 14-37. IPGIFG Register Definition
Table 14-35. IPGIFG Field Descriptions
Bits
Name
Description
0—
Reserved
1–7
Non-Back-to-Back
Inter-Packet-Gap, Part
1
Programmable field representing the optional carrier Sense window referenced in
IEEE 802.3/4.2.3.2.1 ‘carrier deference’. If carrier is detected during the timing of
IPGR1, the MAC defers to carrier. If, however, carrier becomes active after IPGR1, the
MAC continues timing IPGR2 and transmits, knowingly causing a collision; thus,
ensuring fair access to medium. Its range of values is 0x00 to IPGR2. Its default is
0x40 (64d) which follows the two-thirds/one-third guideline.
8—
Reserved
9–15
Non-Back-to-Back
Inter-Packet-Gap, Part
2
Programmable field representing the non-back-to-back inter-packet-gap in bits. Its
default is 0x60 (96d), which represents the minimum IPG of 96 bits.
16–23
Minimum IFG
Enforcement
Programmable field representing the minimum number of bits of IFG to enforce
between frames. A frame is dropped whose IFG is less than that programmed. The
default setting of 0x50 (80d) represents half of the nominal minimum IFG which is 160
bits.
24
—
Reserved
25–31
Back-to-Back
Inter-Packet-Gap
Programmable field representing the IPG between back-to-back packets. This is the
IPG parameter used exclusively in full-duplex mode and in half-duplex mode if two
transmit packets are sent back-to-back. Set this field to the number of bits of IPG
desired. The default setting of 0x60 (96d) represents the minimum IPG of 96 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com