Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 676 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 676 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 672Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 673Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 674Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 675Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 676Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 677Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 678Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 679Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 680Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 676 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-50
Freescale Semiconductor
Three-Speed Ethernet Controllers
14
Reset Rx Fun Reset receive function block. This bit is cleared by default.
0 Normal operation
1 Place the receive function block in reset. This block performs the receive frame protocol.
15
Reset Tx Fun Reset transmit function block. This bit is cleared by default.
0 Normal operation
1 Place the transmit function block in reset. This block performs the frame transmission
protocol.
16–22
—
Reserved
23
Loop Back
Loop back. This bit is cleared by default.
0 Normal operation
1 Loop back the MAC transmit outputs to the MAC receive inputs.
24–25
—
Reserved
26
Rx_Flow
Receive flow. This bit is cleared by default.
0 The receive MAC control ignores PAUSE flow control frames.
1 The receive MAC control detects and acts on PAUSE flow control frames.
27
Tx_Flow
Transmit flow. This bit is cleared by default.
0 The transmit MAC control may not send PAUSE flow control frames if requested by the
system.
1 The transmit MAC control may send PAUSE flow control frames if requested by the system.
28
Sync’d Rx EN Receive enable synchronized to the receive stream (Read-only)
0 Frame reception is not enabled.
1 Frame reception is enabled.
29
Rx_EN
Receive enable. This bit is cleared by default. If set, prior to clearing this bit, set
DMACTRL[GRS] then confirm subsequent occurrence of the graceful receive stop interrupt
(IEVENT[GRSC] is set).
0 The MAC may not receive frames from the PHY.
1 The MAC may receive frames from the PHY.
30
Sync’d Tx EN Transmit enable synchronized to the transmit stream (Read-only)
0 Frame transmission is not enabled.
1 Frame transmission is enabled.
31
Tx_EN
Transmit enable. This bit is cleared by default. If set, prior to clearing this bit, set
DMACTRL[GTS] then confirm subsequent occurrence of the graceful transmit stop interrupt
(IEVENT[GTSC] is set).
0 The MAC may not transmit frames from the system.
1 The MAC may transmit frames from the system.
Table 14-33. MACCFG1 Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com