Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 672 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 672 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 668Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 669Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 670Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 671Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 672Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 673Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 674Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 675Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 676Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 672 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-46
Freescale Semiconductor
Three-Speed Ethernet Controllers
Table 14-32 describes the fields of the RBASE register.
\
14.5.3.5 MAC Functionality
This section describes the MAC registers and provides a brief overview of the functionality that
can be exercised through the use of these registers, particularly those that provide functionality not
explicitly required by the IEEE 802.3 standard. All of the MAC registers are 32 bits wide.
14.5.3.5.1 Configuring the MAC
MAC configuration registers 1 and 2 provide a way to configure the MAC in multiple ways:
•
Adjusting the preamble length—The length of the preamble can be adjusted from the
nominal seven bytes to some other (non-zero) value.
•
Varying pad/CRC combinations—Three pad/CRC combinations are provided to handle a
variety of system requirements. The most simple are frames that already have a valid FCS
field. In this case, the CRC is checked and reported via the transmit statistics vector
(TSV[51:0]). The other two options include appending a valid CRC, or padding and then
appending a valid CRC, resulting in a minimum frame of 64 octets. In addition to the
programmable register set, the pad/CRC behavior can be dynamically adjusted on a
per-packet basis.
14.5.3.5.2 Controlling CSMA/CD
The half-duplex register (HAFDUP) allows control over the carrier-sense multiple
access/collision detection (CSMA/CD) logic of the TSEC. Half-duplex is only supported for 10
Mbps and 100 Mbps operation. Following the completion of the packet transmission the part
begins timing the inter packet gap (IPG) as programmed in the back-to-back IPG configuration
register. The system is now free to begin another frame transfer.
0
28 29
31
R
RBASE
00
0
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_4404; TSEC2:0x2_5404
Figure 14-34. RBASE Register Definition
Table 14-32. RBASE Field Descriptions
Bits
Name
Description
0–28
RBASE Receive base. RBASE defines the starting location in the memory map for the TSEC RxBD.
29–31
—
Reserved. These bits must be set to zero, to cause the value of RBASE to be a multiple of eight.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com