Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 669 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 669 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 665Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 666Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 667Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 668Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 669Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 670Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 671Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 672Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 673Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 669 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-43
14.5.3.4.4 Receive Interrupt Coalescing Configuration Register (RXIC)
The RXIC register enables and configures the operational parameters for interrupt coalescing
associated with received frames. Refer to Section 14.6.2.8.1, “Interrupt Coalescing,” for a
functional description of interrupt coalescing as additional details regarding the use of this register.
Figure 14-30 shows the RXIC register.
Table 14-18 describes the fields of the RXIC register.
0
1
2
3
10
11
15
16
31
R
ICEN
00
ICFCT
00
0
0
0
ICTT
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_4310; TSEC2:0x2_5310
Figure 14-30. RXIC Register Definition
Table 14-28. RXIC Field Descriptions
Bits
Name
Description
0
ICEN
Interrupt coalescing enable
0 Interrupt coalescing is disabled. Interrupts are raised as they are received if the TSEC receive frame
interrupt is enabled (IMASK[RXFEN] is set).
1 Interrupt coalescing is enabled. If the TSEC receive frame interrupt is enabled (IMASK[RXFEN] is
set), an interrupt is raised when the threshold number of frames is reached (defined by
RXIC[ICFCT]) or when the threshold timer expires (defined by RXIC[ICTT]).
1–2
—
Reserved
3–10
ICFCT Interrupt coalescing frame count threshold. While interrupt coalescing is enabled (RXIC[ICEN] is set),
this value determines how many frames are received before raising an interrupt1. Valid values for this
field are from 1 to 255. A value of 0 is illegal. If set to 0, an interrupt can only be cleared by first clearing
RXIC[ICEN] and then clearing the IEVENT[RXF] bit.
Note that a value of 1 functionally defeats the advantages of interrupt coalescing since the frame
threshold is reached with each frame received.
1 Interrupts resulting from the Interrupt bit (I) of the buffer descriptor in question and enabled subject to the IMASK register
(IMASK[RXFEN] is set).
11–15
—
Reserved
16–31
ICTT
Interrupt coalescing timer threshold. While interrupt coalescing is enabled (RXIC[ICEN] is set), this
value determines the maximum amount of time after receiving a frame before raising an interrupt 1,
subject also to IMASK[RXFEN]. If frames have been received but the frame count threshold has not
been met, an interrupt is raised when the threshold timer expires. The threshold timer is reset once an
interrupt has been asserted. It begins counting once the interrupt is cleared and IEVENT[RXF] is set.
The threshold value is represented in units equal to 64 TSEC interface clocks. Valid values for this field
are from 1 to 65535. A value of 0 is illegal. If set to 0, an interrupt can only be cleared by first clearing
RXIC[ICEN] and then clearing the IEVENT[RXF] bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com