Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 668 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 668 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 664Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 665Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 666Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 667Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 668Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 669Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 670Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 671Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 672Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 668 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-42
Freescale Semiconductor
Three-Speed Ethernet Controllers
Table 14-26 describes the fields of the RSTAT register.
14.5.3.4.3 RxBD Data Length Register (RBDLEN)
RBDLEN is a DMA register that contains the number of bytes remaining in the current receive
buffer. Figure 14-29 shows the RBDLEN register.
Table 14-27 describes the fields of the RBDLEN register.
0
789
31
R0 00 00000
QHLT
000000 0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_4304; TSEC2:0x2_5304
Figure 14-28. RSTAT Register Definition
Table 14-26. RSTAT Field Descriptions
Bits
Name
Description
0–7
—
Reserved
8
QHLT
RxBD queue is halted. When IEVENT[BSY] or IEVENT[EBERR] is set during reception of a packet,
RSTAT[QHLT] is also set. In order to begin receiving packets again, the user must clear RSTAT[QHLT].
This bit is set whenever the TSEC reads an RxBD with its Empty field cleared or encounters a system
bus error while processing an RX packet. It is a hardware-initiated stop indication (DMA_CTRL[GRS]
being set by the user does not cause this bit to be set.). The current frame and all other frames directed
to the halted queue are discarded. A write with a value of 1 re-enables the queue for receiving.
0 RxBD queue is enabled for Ethernet reception. (That is, it is not halted.)
1 All Ethernet controller receive activity to RxBD queue is halted.
9–31
—
Reserved
015 16
31
R 00000000000000
00
RBDLEN
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_430C; TSEC2:0x2_530C
Figure 14-29. RBDLEN Register Definition
Table 14-27. RBDLEN Field Descriptions
Bits
Name
Description
0–15
—
Reserved
16–31
RBDLEN The RBDLEN is internally written by the DMA module. If RBDLEN is cleared, all activity in the
receive channel stops.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com