Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 664 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 664 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 660Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 661Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 662Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 663Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 664Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 665Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 666Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 667Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 668Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 664 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-38
Freescale Semiconductor
Three-Speed Ethernet Controllers
Table 14-22 describes the fields of the TBASE register.
14.5.3.3.8 Out-of-Sequence TxBD Register (OSTBD)
The out-of-sequence TxBD register, OSTBD, shown in Figure 14-25, includes the status/control
and data length in the same format as a regular TxBD. It is useful for sending flow control frames.
OSTBD[R] is always checked between frames. If it is not ready, a regular frame is sent. If a flow
control frame is sent and OSTBD[I] is set, a TXC event is generated after frame transmission. This
area must be cleared while not in use. Once the TSEC is in paused mode the out-of-sequence buffer
descriptor cannot be used to send another flow control frame because the MAC regards it as a
regular TxBD.
0
28 29
31
R
TBASE
000
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x2_4204; TSEC2:0x2_5204
Figure 14-24. TBASE Register Definition
Table 14-22. TBASE Field Descriptions
Bits
Name
Description
0–28
TBASE Transmit base. TBASE defines the starting location in the memory map for the TSEC TxBDs. This field
must be 8-byte aligned. Together with setting the W (wrap) bit in the last BD, the user can select how
many BDs to allocate for the transmit packets. The user must initialize TBASE before enabling the
TSEC transmit function.
29–31
—
Reserved
0
1
2 3 4
5
6
7
8
9
10
13
14
15
16
31
R
R PAD/CRC W I
L
TC DEF TO1 HFE/LC RL
RC
UN
0
OSTBDLEN
W
Reset
0000_1000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_42B0; TSEC2:0x2_52B0
Figure 14-25. OSTBD Register Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com