Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 660 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 660 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 656Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 657Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 658Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 659Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 660Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 661Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 662Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 663Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 664Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 660 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-34
Freescale Semiconductor
Three-Speed Ethernet Controllers
14.5.3.3.2 Transmit Status Register (TSTAT)
TSTAT, shown in Figure 14-19, is written by TSEC to convey DMA status information.
Table 14-17 describes the fields of the TSTAT register.
21–26
—
Reserved
27
RFC_PAUSE Receive flow control pause frame. Written by TSEC. This read-only status bit is set if a flow
control pause frame was received and the transmitter is paused for the duration defined in the
received pause frame. This bit automatically clears after the pause duration is complete.
0 Pause duration complete.
1 Pause duration in progress.
28
TFC_PAUSE
Transmit flow control pause frame. Use this bit to transmit a PAUSE frame. To transmit a flow
control pause frame, first set FIFO_PAUSE_CTRL[TFC_PAUSE_EN]. Next, set
MACCFG1[GTS]. If TFC_PAUSE is then set, the MAC stops transmission of data frames after
the current transmission completes. The GTSC interrupt in the IEVENT register is asserted.
With transmission of data frames stopped, the MAC transmits a MAC control PAUSE frame with
the duration value obtained from the PTV register. The TXC interrupt occurs after sending the
control pause frame. Next, the MAC clears TFC_PAUSE and resumes transmitting data frames.
Note that if the transmitter is paused due to user assertion of GTS or reception of a PAUSE
frame, the MAC may still transmit a MAC control PAUSE frame.
0 No outstanding pause frame transmission request.
1 Pause frame transmission requested.
29–31
—
Reserved
01
31
R
THLT
00
0000
000
0000
0000
000
0000
0000
000
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_4104; TSEC2:0x2_5104
Figure 14-19. TSTAT Register Definition
Table 14-17. TSTAT Field Descriptions
Bits
Name
Description
0
THLT
Transmit halt
0 No hardware-initiated transmission halt.
1 TSEC transmission function halted. This bit is written by TSEC to inform the user that it is no longer
processing transmit frames and that the transmit DMA function is disabled by hardware. To re-start
the transmission function, the user must clear this bit by writing a one.
1–31
—
Reserved
Table 14-16. TCTRL Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com