Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 662 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 662 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 658Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 659Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 660Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 661Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 662Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 663Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 664Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 665Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 666Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 662 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-36
Freescale Semiconductor
Three-Speed Ethernet Controllers
Table 14-18 describes the fields of the TXIC register.
14.5.3.3.5 Current Transmit Buffer Descriptor Pointer Register (CTBPTR)
CTBPTR contains the address of the transmit buffer descriptor either currently being processed,
or processed most recently. Figure 14-22 shows the CTBPTR register.
Table 14-19. TXIC Field Descriptions
Bits
Name
Description
0
ICEN
Interrupt coalescing enable
0 Interrupt coalescing is disabled. Interrupts are raised as they are received if the TSEC transmit frame
interrupt is enabled (IMASK[TXFEN] is set).
1 Interrupt coalescing is enabled. If the TSEC transmit frame interrupt is enabled (IMASK[TXFEN] is
set), an interrupt is raised when the threshold number of frames is reached (defined by
TXIC[ICFCT]) or when the threshold timer expires (defined by TXIC[ICTT]).
1–2
—
Reserved
3–10
ICFCT
Interrupt coalescing frame count threshold. While interrupt coalescing is enabled (TXIC[ICEN] is set),
this value determines how many frames are transmitted before raising an interrupt1. Valid values for
this field are from 1 to 255. A value of 0 is illegal. If set to 0, an interrupt can only be cleared by first
clearing TXIC[ICEN] and then clearing the IEVENT[TXF] bit.
Note that a value of 1 functionally defeats the advantages of interrupt coalescing since the frame
threshold is reached with each frame transmitted.
1 Interrupts resulting from the Interrupt bit (I) of the buffer descriptor in question and enabled subject to the IMASK register
(IMASK[TXFEN] is set).
11–15
—
Reserved
16–31
ICTT
Interrupt coalescing timer threshold. While interrupt coalescing is enabled (TXIC[ICEN] is set), this
value determines the maximum amount of time after transmitting a frame before raising an interrupt 1,
subject also to IMASK[TXFEN]. If frames have been transmitted but the frame count threshold has not
been met, an interrupt is raised when the threshold timer expires. The threshold timer is reset once an
interrupt has been asserted. It begins counting once the interrupt is cleared and IEVENT[TXF] is set.
The threshold value is represented in units equal to 64 TSEC interface clocks. Valid values for this field
are from 1 to 65535. A value of 0 is illegal. If set to 0, an interrupt can only be cleared by first clearing
TXIC[ICEN] and then clearing the IEVENT[TXF] bit.
0
28 29
31
R
CTBPTR
000
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_4124; TSEC2:0x2_5124
Figure 14-22. CTBPTR Register Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com