Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 661 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 661 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 657Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 658Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 659Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 660Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 661Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 662Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 663Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 664Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 665Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 661 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-35
14.5.3.3.3 TxBD Data Length Register (TBDLEN)
TBDLEN is a DMA register that contains the number of bytes remaining in the current transmit
buffer. Figure 14-20 shows the TBDLEN register.
Table 14-18 describes the fields of the TBDLEN register.
14.5.3.3.4 Transmit Interrupt Coalescing Configuration Register (TXIC)
TXIC, shown in Figure 14-21, enables and configures the operational parameters for interrupt
coalescing associated with transmitted frames. Refer to Section 14.6.2.8.1, “Interrupt
Coalescing,” for a functional description of interrupt coalescing.
015 16
31
R 000 000000 000000 0
TBDLEN
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_410C; TSEC2:0x2_510C
Figure 14-20. TBDLEN Register Definition
Table 14-18. TBDLEN Field Descriptions
Bits
Name
Description
0–15
—
Reserved
16–31
TBDLEN
Internally written by the DMA module. The transmit channel remains active until TBDLEN is 0.
0
1
2
3
10 11
15 16
31
R
ICEN
00
ICFCT
0
000
0
ICTT
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_4110; TSEC2:0x2_5110
Figure 14-21. TXIC Register Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com