Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 663 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 663 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 659Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 660Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 661Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 662Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 663Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 664Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 665Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 666Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 667Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 663 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-37
Table 14-20 describes the fields of the CTBPTR register.
14.5.3.3.6 Transmit Buffer Descriptor Pointer Register (TBPTR)
TBPTR, shown in Figure 14-23, contains the low-order 32 bits of the next transmit buffer
descriptor address. TBPTR takes on the TBASE value when TBASE is written by software.
Although not necessary in most applications, the user can modify this register when the transmitter
has been gracefully stopped or halted, as indicated by IEVENT[GTSC] or TSTAT[THLT].
Table 14-21 describes the fields of the TBPTR register.
14.5.3.3.7 Transmit Descriptor Base Address Register (TBASE)
The TBASE register, shown in Figure 14-24, is written by the user with the TxBD base address.
The value must be divisible by eight for the 8-byte data buffer descriptors.
Table 14-20. CTBPTR Field Descriptions
Bits
Name
Description
0–28
CTBPTR The CTBPTR register is internally written by the DMA module. The value of this field increments by
one (causing the register value to increment by eight) each time a descriptor is read from memory.
29–31
—
Reserved
0
28 29
31
R
TBPTR
00
0
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x2_4184; TSEC2:0x2_5184
Figure 14-23.
TBPTR Register Definition
Table 14-21. TBPTR Field Descriptions
Bits
Name
Description
0–28
TBPTR
The TBPTR register is internally written by the DMA module. The value of this field increments by one
(causing the register value to increment by eight) each time a descriptor is read from memory.
29–31
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com