Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 667 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 667 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 663Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 664Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 665Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 666Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 667Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 668Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 669Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 670Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 671Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 667 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-41
14.5.3.4.1 Receive Control Register (RCTRL)
RCTRL, shown in Figure 14-27, controls the operational mode of the receive block. It must be
written only after a system reset (at initialization) or if DMACTRL[GRS] is cleared.
Table 14-25 describes the fields of the RCTRL register.
14.5.3.4.2 Receive Status Register (RSTAT)
TSEC writes to RSTAT, shown in Figure 14-28, under the following conditions:
•
The receiver runs out of descriptors.
•
The receiver was halted because an error condition was encountered while receiving a
frame.
Software must clear the QHLT bit to take the TSEC receiver function out of a halt state.
0
26
27
28
29
30 31
R 0 000 000 000 000 00 0
0 000 000 000 0
BC_REJ PROM RSF
00
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_4300; TSEC2:0x2_5300
Figure 14-27. RCTRL Register Definition
Table 14-25. RCTRL Field Descriptions
Bits
Name
Description
0–26
—
Reserved
27
BC_REJ
Broadcast frame reject. If this bit is set, frames with DA
(destination address) = FFFF_FFFF_FFFF are rejected unless RCTRL[PROM] is set. If both
BC_REJ and RCTRL[PROM] are set, then frames with broadcast DA are accepted and the M
(MISS) bit is set in the receive BD.
0 Broadcast frame reject is disabled.
1 Broadcast frame reject is enabled.
28
PROM
Promiscuous mode. When set, all frames except pause frames are accepted.
0 Promiscuous mode is disabled.
1 Promiscuous mode is enabled.
29
RSF
Receive short frame mode. When set, enables the reception of frames shorter than MINFLR
bytes. Note that in order for short frames to be received when RSF is set, a DA hit must occur.
When RSF is cleared, all frames shorter than MINFLR are automatically rejected.
0 Receive short fram mode is disabled.
1 Receive short frame mode is enabled.
30–31
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com