Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 671 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 671 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 667Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 668Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 669Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 670Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 671Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 672Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 673Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 674Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 675Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 671 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-45
Table 14-30 describes the fields of the MRBL register.
\\
14.5.3.4.7 Receive Buffer Descriptor Pointer Register (RBPTR)
RBPTR contains the receive buffer descriptor address. Figure 14-33 shows the RBPTR register.
This register takes on the value of RBASE when the RBASE register is written by software.
Although not necessary in most applications, the user can modify this register when the transmitter
has been gracefully stopped or halted, as indicated by TSTAT[THLT].
Table 14-31 describes the fields of the RBPTR register.
14.5.3.4.8 Receive Descriptor Base Address Register (RBASE)
The RBASE register is written by the user with the RxBD base address and must be divisible by
eight for the 8-byte buffer descriptors. Figure 14-34 shows the RBASE register.
Table 14-30. MRBLR Field Descriptions
Bits
Name
Description
0–15
—
To ensure that MRBL is a multiple of 64, these bits are reserved and must be cleared.
16–25
MRBL
Maximum receive buffer length. MRBL is the number of bytes that the TSEC receiver writes to the
receive buffer. The MRBL register is written by the user with a multiple of 64 for all modes. TSEC can
write fewer bytes to the buffer than the value set in MRBL if a condition such as an error or end-of-frame
occurs, but it never exceeds the MRBL value; therefore, user-supplied buffers must be at least as large
as the MRBL.
26–31
—
To ensure that MRBL is a multiple of 64, these bits are reserved and must be cleared.
0
28 29
31
R
RBPTR
00
0
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_4384; TSEC2:0x2_5384
Figure 14-33.
RBPTR Register Definition
Table 14-31. RBPTR Field Descriptions
Bits
Name
Description
0–28
RBPTR The RBPTR register is internally written by the DMA module. The value of this field increments by one
(causing the register value to increment by eight) each time a descriptor is read from memory.
29–31
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com