Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 670 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 670 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 666Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 667Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 668Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 669Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 670Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 671Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 672Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 673Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 674Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 670 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-44
Freescale Semiconductor
Three-Speed Ethernet Controllers
14.5.3.4.5 Current Receive Buffer Descriptor Pointer Register (CRBPTR)
CRBPTR contains the address of the receive buffer descriptor either currently being processed, or
processed most recently. Figure 14-31 shows the CRBPTR register.
Table 14-29 describes the fields of the CRBPTR register.
\
14.5.3.4.6 Maximum Receive Buffer Length Register (MRBLR)
The MRBL register is written by the user. It informs the TSEC how much space is in the receive
buffer pointed to by the RxBD. Figure 14-32 shows the MRBLR.
0
28 29
31
R
CRBPTR
0
0
0
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x2_4324; TSEC2:0x2_5324
Figure 14-31. CRBPTR Register Definition
Table 14-29. CRBPTR Field Descriptions
Bits
Name
Description
0–28
CRBPTR
The CRBPTR register is internally written by the DMA module. The value of this field increments by
one (causing the register value to increment by eight) each time a descriptor is read from memory.
29–31
—
Reserved
015 16
25 26
31
R 0
00
00
00
00
0
0
0
0
0
0
0
MRBL
00
00
00
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_4340; TSEC2:0x2_5340
Figure 14-32. MRBL Register Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com