Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 673 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 673 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 669Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 670Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 671Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 672Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 673Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 674Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 675Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 676Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 677Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 673 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-47
In full-duplex mode both the carrier sense (CRS) and collision (COL) indications from the PHY
are ignored, but in half-duplex mode the TSEC defers to CRS and, following a carrier event, times
the IPG using the non-back-to-back IPG configuration values that include support for the optional
two-thirds/one-third CRS deferral process. This optional IPG mechanism enhances system
robustness and ensures fair access to the medium. During the first two-thirds of the IPG, the IPG
timer is cleared if CRS is sensed. During the final one-third of the IPG, CRS is ignored and the
transmission begins once IPG is timed. The two-thirds/one-third ratio is the recommended value.
14.5.3.5.3 Handling Packet Collisions
While transmitting a packet in half-duplex mode, the TSEC is sensitive to COL. If a collision
occurs, it aborts the packet and outputs the 32-bit jam sequence. The jam sequence is comprised
of several bits of the CRC, inverted to guarantee an invalid CRC upon reception. A signal is sent
to the system indicating that a collision occurred and that the start of the frame is needed for
retransmission. The TSEC then backs off of the medium for a time determined by the truncated
binary exponential back-off (BEB) algorithm. Following this back-off time, the packet is retried.
The back-off time can be skipped if configured via the half-duplex register. However, this is
non-standard behavior and its use must be carefully applied. Should any one packet experience
excessive collisions, the packet is aborted. The system must flush the frame and move to the next
one in line. If the system requests to send a packet while the TSEC is deferring to a carrier, the
TSEC simply waits until the end of the carrier event and the timing of IPG before it honors the
request.
If packet transmission attempts experience collisions, the TSEC outputs the jam sequence and
waits some amount of time before retrying the packet. This amount of time is determined by a
controlled randomization process called truncated binary exponential back-off. The amount of
time is an integer number of slot times. The number of slot times to delay before the nth
retransmission attempt is chosen as a uniformly-distributed random integer r in the range:
0
≤ r ≤ 2k, where k = min(n,10).
So, after the first collision, TSEC backs-off either 0 or 1 slot times. After the fifth collision, TSEC
backs-off between 0 and 32 slot times. After the tenth collision, the maximum number of slot times
to back-off is 1024. This can be adjusted through the half-duplex register. An alternate truncation
point, such as 7 for instance, can be programmed. On average, the MAC is more aggressive after
seven collisions than other stations on the network.
14.5.3.5.4 Controlling Packet Flow
Packet flow can be dealt with in a number of ways within TSEC. A default retransmit attempt limit
of 15 can be reduced using the half-duplex register. The slot time or collision window can be used
to gate the retry window and possibly reduce the amount of transmit buffering within the system.
The slot time for 10/100 Mbps is 512 bit times. Because the slot time begins at the beginning of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com