Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 675 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 675 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 671Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 672Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 673Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 674Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 675Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 676Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 677Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 678Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 679Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 675 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-49
Yet another parameter that can be modified through the MII registers is the length of the MII
management interface preamble. After establishing that a PHY supports preamble suppression, the
host may so configure the TSEC. While enabled, the length of MII management frames are
reduced from 64 clocks to 32 clocks. This effectively doubles the efficiency of the interface.
14.5.3.6 MAC Registers
The following are the MAC registers.
14.5.3.6.1 MAC Configuration Register 1 (MACCFG1)
The MACCFG1 register is written by the user. Figure 14-35 shows the MACCFG1 register.
Table 14-33 describes the fields of the MACCFG1 register.
\
0
1
11
12
13
14
15
R
Soft_Reset
00 00 0 0
0
0 0
0
0
Reset
Rx MC
Reset
Tx MC
Reset
Rx Fun
Reset
Tx Fun
W
Reset
0000_0000_0000_0000
16
22
23
24 25
26
27
28
29
30
31
R
0
00 00 0 0
Loop Back
00
Rx_Flow Tx_Flow
Sync’d Rx EN
Rx_EN
Sync’d Tx EN
Tx_EN
W
Reset
0000_0000_0000_0000
Offset
TSEC1:0x2_4500; TSEC2:0x2_5500
Figure 14-35. MACCFG1 Register Definition
Table 14-33. MACCFG1 Field Descriptions
Bits
Name
Description
0
Soft_Reset
Soft reset. This bit is cleared by default. See Section 14.6.2.2, “Soft Reset and Reconfiguring
Procedure,” for more information on setting this bit.
0 Normal operation
1 Place all modules within the MAC in reset.
1–11
—
Reserved
12
Reset Rx MC Reset receive MAC control block. This bit is cleared by default.
0 Normal operation
1 Place the receive MAC control block in reset. This block detects control frames and contains
the pause timers.
13
Reset Tx MC Reset transmit MAC control block. This bit is cleared by default.
0 Normal operation
1 Place the PETMC transmit MAC control block in reset. This block multiplexes data and
control frame transfers. It also responds to XOFF PAUSE control frames.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com