Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 674 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 674 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 670Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 671Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 672Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 673Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 674Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 675Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 676Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 677Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 678Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 674 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-48
Freescale Semiconductor
Three-Speed Ethernet Controllers
the packet, the end occurs around the 56th byte of the frame data. Slot time in 1-Gbps mode is not
supported.
Full-duplex flow control is provided for in IEEE 802.3x. Currently the standard does not address
flow control in half-duplex environments. Common in the industry, however, is the concept of
back pressure. The TSEC implements the optional back pressure mechanism using the raise carrier
method. If the system receive logic wishes to stop the reception of packets in a network-friendly
way, transmit half-duplex flow control (THDF) is set (TCTRL[THDF]). If the medium is idle, the
TSEC raises carrier by transmitting preamble. Other stations on the half-duplex network then defer
to the carrier.
In the event the preamble transmission happens to cause a collision, TSEC ensures the minimum
96-bit presence on the wire, then drops preamble and waits a back-off time depending on the value
of the configuration bit, back pressure no back-off (half-duplex) [BPNB]. These
transmitting-preamble-for-back pressure collisions are not counted. If BPNB is set, the TSEC
waits an inter-packet gap before resuming the transmission of preamble following the collision and
does not defer. If cleared, the TSEC adheres to the truncated BEB algorithm that allows the
possibility of packets being received. This also can be detrimental in that packets can now
experience excessive collisions, causing them to be dropped in the stations from which they
originate. To reduce the likelihood of lost packets and packets leaking through the back pressure
mechanism, BPNB must be set.
The TSEC drops carrier (cease transmitting preamble) periodically to avoid excessive defer
conditions in other stations on the shared network. If, while applying back pressure, the TSEC is
requested to send a packet, it stops sending preamble, and waits one IPG before sending the packet.
BPNB applies for any collision that occurs during the sending of this packet. TSEC does not defer
while attempting to send packets while in back pressure. Again, back pressure is non-standard, yet
it can be effective in reducing the flow of receive packets.
14.5.3.5.5 Controlling PHY Links
Control and status to and from the PHY is provided via the two-wire MII management interface
described in IEEE 802.3u. The MII management registers (MII management configuration,
command, address, control, status, and indicator registers) are used to exercise this interface
between a host processor and one or more PHY devices (including the TBI). External PHYs may
only be configured using the MII management interface of TSEC1 since the interface signals
(EC_MDC and EC_MDIO) are only driven by TSEC1.
The TSEC MII’s registers provide the ability to perform continuous read cycles, called a scan
cycle. If requested (by setting MIIMCOM[Scan Cycle]), the part performs repetitive read cycles
of the PHY status register, for example. In this way, link characteristics may be monitored more
efficiently. The different fields in the MII management indicator register (scan, not valid and busy)
are used to indicate availability of each read of the scan cycle to the host from MIIMSTAT[PHY
Status].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com