Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 677 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 677 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 673Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 674Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 675Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 676Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 677Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 678Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 679Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 680Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 681Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 677 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-51
14.5.3.6.2 MAC Configuration Register 2 (MACCFG2)
The MACCFG2 register is written by the user. Figure 14-36 shows the MACCFG2 register.
Table 14-34 describes the fields of the MACCFG2 register.
0
15 16
19 20 2122 2324 25
26
27
28
29
30
31
R 0 0 000 000 000 000 0 0 Preamble
Length
00
I/F
Mode
00 Huge
Frame
Length
check
0 PAD/
CRC
CRC
EN
Full
Duplex
W
Reset
0000_0000_0000_0000_0111_0000_0000_0000
Offset
TSEC1:0x2_4504; TSEC2:0x2_5504
Figure 14-36. MACCFG2 Register Definition
Table 14-34. MACCFG2 Field Descriptions
Bits
Name
Description
0–15
—
Reserved
16–19
Preamble
Length
Determines the length in bytes of the preamble field of the packet. Its default is 0x7. A
preamble length of 0 is not supported.
20–21
—
Reserved
22–23
I/F Mode
Determines the type of interface to which the MAC is connected. Its default is 00.
00 Reserved
01 Nibble mode (MII)
10 Byte mode (GMII/TBI)
11 Reserved
24–25
—
Reserved
26
Huge Frame
Huge frame enable. Cleared by default.
0 Limit the length of frames to the MAXIMUM FRAME LENGTH value.
1 Frames longer than the MAXIMUM FRAME LENGTH may be transmitted and received.
27
Length check
Length check. This bit is cleared by default.
0 No length field checking is performed.
1 The MAC checks the frame’s length field to ensure it matches the actual data field length.
28
—
Reserved
29
PAD/CRC
Pad and append CRC. This bit is cleared by default.
0 Frames presented to the MAC have a valid length and contain a CRC.
1 The MAC pads all transmitted short frames and appends a CRC to every frame regardless
of padding requirement.
30
CRC EN
CRC enable. If the configuration bit PAD/CRC or the per-packet PAD/CRC bit is set, CRC EN
is ignored. This bit is cleared by default.
0 Frames presented to the MAC have a valid length and contain a valid CRC.
1 The MAC appends a CRC on all frames. Clear this bit if frames presented to the MAC have
a valid length and contain a valid CRC.
31
Full Duplex
Full duplex configure. This bit is cleared by default.
0 The MAC to operate in half-duplex mode only.
1 The MAC operates in full-duplex mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com