Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 666 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 666 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 662Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 663Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 664Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 665Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 666Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 667Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 668Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 669Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 670Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 666 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-40
Freescale Semiconductor
Three-Speed Ethernet Controllers
14.5.3.3.9 Out-of-Sequence Tx Data Buffer Pointer Register (OSTBDP)
The out-of-sequence Tx data buffer pointer register (OSTBDP), shown in Figure 14-26, contains
the data buffer pointer fields in the same format as a regular TxBD. With OSTBD, it provides the
complete 8-byte descriptor. This area must be cleared while not in use.
Table 14-24 describes OSTBDP.
14.5.3.4 TSEC Receive Control and Status Registers
This section describes the control and status registers that are used specifically for receiving
Ethernet frames. All of the registers are 32 bits wide.
10–13
RC
Retry count. Written by TSEC.
0 The frame is sent correctly the first time.
1 More than zero attempts were needed to send the transmit frame. If this field is 15, 15 or more
retries were needed. The Ethernet controller updates RC after sending the buffer.
14
UN
Underrun. Written by TSEC.
0 No underrun encountered (data was retrieved from external memory in time to send a complete
frame).
1 The Ethernet controller encountered a transmitter underrun condition while sending the
associated buffer. The TSEC terminates the transmission and updates UN.
15
—
Reserved
16–31
OSTBDLEN
Out-of-sequence TxBD data length. Written by user. Data length is the number of octets the TSEC
transmits from this BD’s data buffer. It is never modified by the TSEC. This field must be greater
than zero in order for a transfer to take place.
0
31
R
OSTBDP
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_42B4; TSEC2:0x2_52B4
Figure 14-26. OSTBDP Register Definition
Table 14-24. OSTBDP Field Descriptions
Bits
Name
Description
0–31
OSTDBP
Out-of-sequence Tx Data Buffer Pointer. Written by user. The transmit data buffer pointer contains
the address of the associated data buffer. There are no alignment requirements for this address.
Table 14-23. OSTBD Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com