Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 659 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 659 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 655Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 656Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 657Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 658Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 659Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 660Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 661Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 662Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 663Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 659 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-33
Table 14-15 describes the fields of the FIFO transmit starve shutoff register.
14.5.3.3 TSEC Transmit Control and Status Registers
This section describes the control and status registers that are used specifically for transmitting
Ethernet frames. All of the registers are 32 bits wide.
14.5.3.3.1 Transmit Control Register (TCTRL)
TCTRL, shown in Figure 14-18, is writable by the user to configure the transmit block.
Table 14-16 describes the fields of the TCTRL register.
0
22 23
31
R 00000000000000000000
000
FIFO_TX_STARVE_SHUTOFF
W
Reset
0000_0000_0000_0000_0000_0001_0000_0000
Offset
TSEC1:0x2_409C; TSEC2:0x2_509C
Figure 14-17. FIFO_TX_STARVE_SHUTOFF Register Definition
Table 14-15. FIFO_TX_STARVE_SHUTOFF Field Descriptions
Bits
Name
Description
0–22
—
Reserved
23–31
FIFO_TX_STARVE_
SHUTOFF
FIFO transmit starve shutoff. Indicates the value beyond which to exit the starve state.
The starve state turns off if the number of valid entries in the FIFO becomes greater
than or equal to the FIFO Tx starve shutoff register.
019
20
21
26
27
28
29
31
R 000 000 000 000 000 0 0 00 0
THDF
0 0 0 0 0 0 RFC_PAUSE
TFC_PAUSE
00 0
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_4100; TSEC2:0x2_5100
Figure 14-18. TCTRL Register Definition
Table 14-16. TCTRL Field Descriptions
Bits
Name
Description
0–19
—
Reserved
20
THDF
Transmit half-duplex flow control. Written by user. This bit is not self-resetting.
0 Disable back pressure.
1 Back pressure is applied to media.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com