Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 657 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 657 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 653Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 654Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 655Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 656Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 657Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 658Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 659Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 660Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 661Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 657 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-31
Table 14-12 describes the fields of the FIFO_PAUSE_CTRL register.
14.5.3.2.2 FIFO Transmit Threshold Register (FIFO_TX_THR)
The main purpose of the threshold register is to trigger the unloading of FIFO data to the PHY. It
represents the numerical SRAM entry (0-511 for 2-Kbyte FIFO) to trigger the threshold function.
If the number of valid entries in the FIFO is equal to or greater than the threshold register,
transmission can begin. This register is read/write by software and is initialized to
0000_0000_0000_0000_0000_0001_0000_0000 at system reset. Figure 14-15 shows the
FIFO_TX_THR register.
0
15
R
0
00
0
0
0
0
00
0
0
0
0
0
0
0
W
Reset
0000_0000_0000_0000
16
29
30
31
R
0
00
0
0
0
0
00
0
0
0
0
0
TFC_PAUSE_EN
0
W
Reset
0000_0000_0000_0000
Offset
TSEC1:0x2_404C; TSEC2:0x2_504C
Figure 14-14. FIFO_PAUSE_CTRL Register Definition
Table 14-12. FIFO_PAUSE_CTRL Field Descriptions
Bits
Name
Description
0–29
—
Reserved
30
TFC_PAUSE_EN TFC_PAUSE enable. This bit enables the ability to transmit a pause control frame by
setting the TCTRL[TFC_PAUSE] bit. This bit is cleared at reset.
0 Pause control frame transmission disabled.
1 Pause control frame transmission enabled.
31
—
Reserved
0
22 23
31
R 0
0
0
0
0
0
0
0
000
00
00
00
00
000
0
FIFO_TX_THR
W
Reset
0000_0000_0000_0000_0000_0001_0000_0000
Offset
TSEC1:0x2_408C; TSEC2:0x2_508C
Figure 14-15. FIFO_TX_THR Register Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com