Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 654 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 654 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 650Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 651Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 652Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 653Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 654Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 655Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 656Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 657Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 658Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 654 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-28
Freescale Semiconductor
Three-Speed Ethernet Controllers
14.5.3.1.7 DMA Control Register (DMACTRL)
DMACTRL, shown in Figure 14-12, is used to configure the DMA block. register.
Table 14-10 describes the fields of the DMACTRL register.
023
24
25
26
27
28
29
30
31
R 0 00 00 00 00 00 00 00 00 00 00 0 0
0
TDSEN TBDSEN
0
GRS GTS
0
WWR WOP
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_402C; TSEC2:0x2_502C
Figure 14-12. DMACTRL Register Definition
Table 14-10. DMACTRL Field Descriptions
Bits
Name
Description
0–23
—
Reserved
24
TDSEN
Tx Data snoop enable
0 Disables snooping of all transmit frames from memory.
1 Enables snooping of all transmit frames from memory.
25
TBDSEN TxBD snoop enable
0 Disables snooping of all transmit BD memory accesses.
1 Enables snooping of all transmit BD memory accesses.
26
—
Reserved
27
GRS
Graceful receive stop. If this bit is set, the Ethernet controller stops receiving frames following completion
of the frame currently being received, that is, after a valid end of frame was received. The buffer of the
receive frame associated with the EOF is closed and the IEVENT[GRSC] is set. Because the MAC’s
receive enable bit (MACCFG[Rx_EN]) may still be set, the MAC may continue to receive but the TSEC
ignores the receive data until GRS is cleared. If this bit is cleared, the TSEC scans the input data stream
for the start of a new frame (preamble sequence and start of frame delimiter) and the first valid frame
received uses the next RxBD.
If GRS is set, the user must monitor the graceful receive stop complete (GRSC) bit in the IEVENT
register to insure that the graceful receive stop was completed. The user can then clear IEVENT[GRSC]
and can write to receive registers that are accessible to both user and the TSEC hardware without fear
of conflict.
0 TSEC scans input data stream for valid frame.
1 TSEC stops receiving frames following completion of current frame.
28
GTS
Graceful transmit stop. If this bit is set, the Ethernet controller stops transmission after the completion of
any frame that is currently being transmitted and the GTSC interrupt in the IEVENT register is asserted.
If frame transmission is not currently underway, the GTSC interrupt is asserted immediately. Once
transmission has completed, a “restart” can be accomplished by clearing GTS.
0 Controller continues.
1 Controller stops transmission after completion of current frame.
29
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com