Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 650 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 650 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 646Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 647Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 648Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 649Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 650Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 651Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 652Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 653Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 654Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 650 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-24
Freescale Semiconductor
Three-Speed Ethernet Controllers
Table 14-5 describes the fields of the IMASK register.
14.5.3.1.3 Error Disabled Register (EDIS)
The error disabled register, shown in Figure 14-8, controls error reporting by the TSEC. The
IEVENT bit corresponding to an error will not be set if the error is disabled in EDIS.
Table 14-5. IMASK Field Descriptions
Bits
Name
Description
0
BREN
Babbling receiver interrupt enable
1
RXCEN
Receive control interrupt enable
2
BSYEN
Busy interrupt enable
3
EBERREN
Ethernet controller bus error enable
4—
Reserved
5
MSROEN
MSTAT register overflow interrupt enable
6
GTSCEN
Graceful transmit stop complete interrupt enable
7
BTEN
Babbling transmitter interrupt enable
8
TXCEN
Transmit control interrupt enable
9
TXEEN
Transmit error interrupt enable
10
TXBEN
Transmit buffer interrupt enable
11
TXFEN
Transmit frame interrupt enable
12
—
Reserved
13
LCEN
Late collision enable
14
CRL/XDAEN
Collision retry limit/excessive defer enable
15
XFUNEN
Transmit FIFO underrun enable
16
RXBEN
Receive buffer interrupt enable
17–22
—
Reserved
23
GRSCEN
Graceful receive stop complete interrupt enable
24
RXFEN
Receive frame interrupt enable
25–31
—
Reserved
01
2
3
4
12
13
14
31
R0 0
BSYDIS EBERRDIS
000 00 0 0 0 0
LCDIS
0 0 0 0 0 000 000 000 000 0
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_4018; TSEC2:0x2_5018
Figure 14-8.
Error Disabled Register (EDIS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com