Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 648 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 648 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 644Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 645Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 646Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 647Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 648Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 649Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 650Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 651Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 652Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 648 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-22
Freescale Semiconductor
Three-Speed Ethernet Controllers
6
GTSC
Graceful transmit stop complete. This interrupt is asserted following the completion of a graceful stop,
which was intitiated by setting either DMACTRL[GTS] or TCTRL[TFC_PAUSE]. Graceful stop means
that the transmitter is put into a pause state after completion of the frame currently being transmitted.
0 Graceful transmit stop not complete or not initiated
1 Graceful transmit stop completed
7
BABT
Babbling transmit error. This bit indicates that the transmitted frame length has exceeded the value in
the MAC’s Maximum Frame Length register and MACCFG2[Huge Frame] is cleared. Frame truncation
occurs when this condition occurs. TxBD[TXTRUNC] is set in the last TxBD (TxBD[L] is set) of the
frame.
0 Transmitted frame length not exceeding maximum frame length
1 Transmitted frame length exceeding maximum frame length
8
TXC
Transmit control interrupt. This bit indicates that a control frame was transmitted.
0 Control frame not transmitted
1 Control frame transmitted
9
TXE
Transmit error. This bit indicates that an error occurred on the transmitted channel that has caused
TSTAT[THLT] to be set by TSEC. This bit is set whenever any transmit error occurs that causes the
transmitter to halt (EBERR, LC, CRL/XDA, XFUN). It is not set if DMACTRL[WOP] is set and TSEC
runs out of TxBDs to process. In order to begin transmitting packets again, the user must clear
TSTAT[THLT].
0 No transmit channel error occurred
1 Transmit channel error occurred
10
TXB
Transmit buffer. This bit indicates that a transmit buffer descriptor was updated whose I (interrupt) bit
was set in its status word and was not the last buffer descriptor of the frame.
0 No transmit buffer descriptor updated
1 Transmit buffer descriptor updated
11
TXF
Transmit frame interrupt. This bit indicates that a frame was transmitted and that the last corresponding
transmit buffer descriptor (TxBD) was updated. This only occurs if the I (interrupt) bit in the status word
of the buffer descriptor is set.
0 No frame transmitted/TxBD not updated
1 Frame transmitted/TxBD updated
12
—
Reserved
13
LC
Late collision. This bit indicates that a collision occurred beyond the collision window (slot time) in
half-duplex mode. The frame is truncated with a bad CRC and the remainder of the frame is discarded.
0 No late collision occurred
1 Late collision occurred
14
CRL/
XDA
Collision retry limit/excessive defer abort. This bit indicates either one of two conditions occurred while
attempting to transmit a frame: 1) the number of successive transmission collisions has exceeded the
MAC’s HAFDUP[Retransmission Maximum] count or 2) an excessive defer abort condition has
occurred. An excessive defer abort condition occurs when the TSEC waits more than 3036 bytes while
attempting to send a frame and HAFDUP[EXCESS_DEFER] is 0. The TxBD[DEF] or OSTBD[DEF] is
also set. In either case the frame is discarded without being transmitted and the TSEC is halted
(TSTAT[THLT] is set). The CRL or XDA condition can only occur while in half-duplex mode.
0 Successive transmission collisions do not exceed maximum and no excessive defer abort condition
has occurred.
1 Successive transmission collisions exceed maximum or an excessive defer abort condition has
occurred.
Table 14-4. IEVENT Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com