Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 647 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 647 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 643Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 644Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 645Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 646Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 647Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 648Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 649Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 650Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 651Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 647 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-21
Table 14-4 describes the fields of the IEVENT register.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
R
BABR RXC
BSY
EBERR
0
MSRO GTSC BABT
TXC
TXE
TXB
TXF
0
LC
CRL/
XDA
XFUN
W
Reset
0000_0000_0000_0000
16
17
22
23
24
25
31
R
RXB
00
0
0
0
0
GRSC
RXF
00
0
0
0
0
0
W
Reset
0000_0000_0000_0000
Offset
TSEC1:0x2_4010; TSEC2:0x2_5010
Figure 14-6. IEVENT Register Definition
Table 14-4. IEVENT Field Descriptions
Bits
Name
Description
0
BABR
Babbling receive error. This bit indicates that a frame was received with length in excess of the MAC’s
maximum frame length register while MACCFG2[Huge Frame] is set.
0 Excessive frame not received
1 Excessive frame received
1
RXC
Receive control interrupt. A control frame was received. If MACCFG1[Rx_Flow] is set, a pause
operation is performed lasting for the duration specified in the received pause control frame and
beginning when the frame was received.
0 Control frame not received
1 Control frame received
2
BSY
Busy condition interrupt. Indicates that a frame was received and discarded due to a lack of buffers.
When IEVENT[BSY] is set RSTAT[QHLT] is also set. In order to begin receiving packets again, the user
must clear RSTAT[QHLT]. This bit and RSTAT[QHLT] are set whenever the TSEC reads an RxBD with
its Empty field cleared.
0 No frame received and discarded
1 Frame received and discarded
3
EBERR
Ethernet bus error. This bit indicates that a system bus error for a memory read occurred while a DMA
transaction was underway. If the EBERR is set while transmission is in progress, the DMA stops
sending data to the Tx FIFO which eventually causes an underrun error (XFUN) and TSTAT[THLT] is
set. If the EBERR is set while receiving a frame, the DMA discards the frame and RSTAT[QHLT] is set.
0 No system bus error occurred
1 System bus error occurred
4—
Reserved
5
MSRO
MSTAT Register Overflow. This interrupt is asserted if the count for one of the MSTAT registers has
exceeded the size of the register.
0 MSTAT count not exceeding register size
1 MSTAT count exceeds register size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com