Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 649 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 649 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 645Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 646Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 647Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 648Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 649Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 650Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 651Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 652Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 653Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 649 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-23
14.5.3.1.2 Interrupt Mask Register (IMASK)
The interrupt mask register provides control over which possible interrupt events are allowed to
generate an actual interrupt. All implemented bits in this CSR are R/W. This register is cleared
upon a hardware reset. If the corresponding bits in both the IEVENT and IMASK registers are set,
an interrupt is generated. The interrupt signal can be cleared by clearing the corresponding
IEVENT bit.
Figure 14-7 shows the IMASK register.
15
XFUN
Transmit FIFO underrun. This bit indicates that the transmit FIFO became empty before the complete
frame was transmitted.
0 Transmit FIFO not underrun
1 Transmit FIFO underrun
16
RXB
Receive buffer. These bits indicate that a receive buffer descriptor was updated which had the I
(Interrupt) bit set in its status word and was not the last buffer descriptor of the frame.
0 Receive buffer descriptor not updated
1 Receiver buffer descriptor updated
17–22
—
Reserved
23
GRSC
Graceful receive stop complete. This interrupt is asserted if a graceful receive stop is completed. It
allows the user to know if the system has completed the stop and it is safe to write to receive registers
(status, control or configuration registers) that are used by the system during normal operation.
0 Graceful stop not completed
1 Graceful stop completed
24
RXF
Receive frame interrupt. The last receive buffer descriptor (RxBD) of a frame was updated. This occurs
only if the I (interrupt) bit in the buffer descriptor status word is set.
0 Frame not received
1 Frame received
25–31
—
Reserved
012
3
4
5
6
7
8
9
10
11
12
13
14
15
R
BREN RXCEN BSYEN EBERREN
0
MSROEN GTSCEN
BTEN
TXCEN TXEEN TXBEN TXFEN
0
LCEN
CRL/
XDAEN
XFUNEN
W
Reset
0000_0000_0000_0000
16
17
22
23
24
25
31
R
RXBEN
00
0
0
0
0
GRSCEN RXFEN
00
0
0
0
0
0
W
Reset
0000_0000_0000_0000
Offset
TSEC1:0x2_4014; TSEC2:0x2_5014
Figure 14-7. IMASK Register Definition
Table 14-4. IEVENT Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com