Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 652 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 652 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 648Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 649Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 650Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 651Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 652Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 653Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 654Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 655Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 656Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 652 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-26
Freescale Semiconductor
Three-Speed Ethernet Controllers
14.5.3.1.5 Minimum Frame Length Register (MINFLR)
MINFLR is written by the user. It tells TSEC the smallest packet to accept and place in a receive
buffer pointed to by the RxBD. Figure 14-10 shows the MINFLR register.
18
AUTOZ
Automatically zero addressed statistical counter values, input to MSTAT module.
0 The user must write the addressed counter zero after a host read.
1 The addressed counter value is zeroed on a host read.
This is a steady state signal and must be set prior to enabling the Ethernet controller and must not
be changed without proper care.
19
STEN
Statistics enabled, input to MSTAT module.
0 Statistics not enabled
1 Enables internal counters to update
This is a steady state signal and must be set prior to enabling the Ethernet controller and must not
be changed without proper care.
20–25
—
Reserved
26
TBIM
Ten-bit interface mode. If this bit is set, ten-bit interface mode is enabled. This bit can be signal
configured at reset to set or clear using the TSECn_GTX_CLK signal.
0 GMII or MII mode interface
1 TBI mode interface
27
RPM
Reduced signal mode. If this bit is set, a reduced signal interface is expected. ECNTRL[TBI Mode]
selects GMII or TBI. If RPM is selected, the MAC must be in GMII or TBI mode (RMII is not
supported). This register can be signal configured at reset to 0 or 1 with the EC_MDC signal.
0 GMII or TBI in non-reduced signal mode configuration
1 RGMII or RTBI reduced signal mode
28
R100M
RGMII 100 mode. This bit is ignored unless RPM is set and MACCFG2[I/F Mode] is assigned to
10/100 (01). If this bit is set, the TSEC interface is in 100 Mbps speed.
0 RGMII is in 10 Mbps mode
1 RGMII is in 100 Mbps mode
29–31
—
Reserved
0
24 25
31
R 0
000
00
000
000
000
000
000
000
0
MINFLR
W
Reset
0000_0000_0000_0000_0000_0000_0100_0000
Offset
TSEC1:0x2_4024; TSEC2:0x2_502
Figure 14-10. MINFLR Register Definition
Table 14-7. ECNTRL Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com