Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 656 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 656 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 652Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 653Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 654Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 655Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 656Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 657Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 658Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 659Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 660Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 656 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-30
Freescale Semiconductor
Three-Speed Ethernet Controllers
Table 14-11 describes the fields of the TBIPA register.
14.5.3.2 TSEC FIFO Control and Status Registers
The following registers allow the user to change some of the default settings in the FIFO that can
be used to optimize operation for performance or for safety. They must be set carefully in order to
avoid an underrun condition. Underrun is an error condition in which data is not retrieved from
external memory quickly enough, leaving the TX FIFO empty before the complete frame is
transmitted. Because different combinations of events, several of which are determined by the
user, can lead to underrun, the TSEC provides several FIFO registers that allow the user to select
the proper setting to be able to tune the system and obtain the maximum performance with minimal
chance of underrun. The principal causes for underrun in the TSEC are:
•
Misaligned data buffer addresses
•
Small data buffer sizes
•
Combinations of the above
It is recommended that the minimum size data buffers be 64 bytes and that data buffers be 64-byte
aligned. The user can deviate from these recommended values to try to increase performance or to
use less memory, but unless the default values of some of the FIFO registers are adjusted, the
probability of an underrun may also increase. The FIFO_TX_THR (default is 256 entries or 1
Kbytes) indicates the amount of data required to be in the FIFO before starting the transmission of
a frame. The FIFO_TX_STARVE (default is 128 entries or 512 bytes) is used to indicate that the
amount of data in the FIFO is so low that the risk of underrun is extremely high. The
FIFO_TX_STARVE_SHUTOFF (default is 256 entries or 1 Kbyte) contains the watermark level
to be used for exiting the starve state. These registers are intended to allow the user to make the
proper trade-off. If triggered, the starve mode, for instance, automatically raises the priority of
TSEC fetches from memory.
14.5.3.2.1 FIFO Pause Control Register (FIFO_PAUSE_CTRL)
FIFO_PAUSE_CTRL, shown in Figure 14-14, is writable by the user to configure the properties
of the TSEC FIFO.
Table 14-11. TBIPA Field Descriptions
Bits
Name
Description
0–26
—
Reserved
27–31
TBIPA TBI PHY address. This field is used to program the PHY address of the ten-bit interface’s MII
management bus. To access the TBI register the user must write the TBIPA value to the MIIMADD
[PHY Address] register located in the MAC register section. Refer to Section 14.5.3.6.8, “MII
Management Address Register (MIIMADD).”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com