Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 658 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 658 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 654Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 655Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 656Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 657Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 658Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 659Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 660Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 661Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 662Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 658 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-32
Freescale Semiconductor
Three-Speed Ethernet Controllers
Table 14-13 describes the fields of the FIFO_TX_THR register.
14.5.3.2.3 FIFO Transmit Starve Register (FIFO_TX_STARVE)
The purpose of the starve register, shown in Figure 14-16, is to inform the system of extremely
imminent underrun conditions. It represents the numerical SRAM entry (0-511 for 2-Kbyte FIFO)
to trigger the starve function. If the number of valid entries in the FIFO is less than or equal to the
starve register, a starve alert is triggered.
Table 14-14 describes the fields of the FIFO_TX_STARVE register.
14.5.3.2.4 FIFO Transmit Starve Shutoff Register
(FIFO_TX_STARVE_SHUTOFF)
The starve shutoff register, shown in Figure 14-17, contains the watermark level to be used for
exiting the starve state. If the starve state is in effect and the number of valid entries in the FIFO
becomes greater than or equal to the value in the FIFO transmit starve shutoff register, the starve
condition ends. This register is read/write by software.
Table 14-13. FIFO_TX_THR Field Descriptions
Bits
Name
Description
0–22
—
Reserved
23–31
FIFO_TX_THR
FIFO transmit threshold. These bits mark the number of entries in the transmit FIFO that, if
reached, trigger the unloading of frame data into the MAC.
0
22 23
31
R 000
0000000
000000
0000000
FIFO_TX_STARVE
W
Reset
0000_0000_0000_0000_0000_0000_1000_0000
Offset
TSEC1:0x2_4098; TSEC2:0x2_5098
Figure 14-16. FIFO_TX_STARVE Register Definition
Table 14-14. FIFO_TX_STARVE Field Descriptions
Bits
Name
Description
0–22
—
Reserved
23–31 FIFO_TX_STARVE FIFO transmit starve. These bits indicate the value to trigger the transmit starve
function. It triggers once the number of valid entries in the FIFO is less than or equal to
the FIFO Tx starve. The starve state turns off if the number of valid entries in the FIFO
becomes greater than or equal to the FIFO Tx starve shutoff register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com