Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 655 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 655 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 651Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 652Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 653Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 654Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 655Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 656Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 657Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 658Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 659Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 655 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-29
14.5.3.1.8 TBI Physical Address Register (TBIPA)
This TBIPA, shown in Figure 14-13, is writable by the user to assign a physical address to the TBI
for MII management configuration. The TBI registers are accessed at the offset of TBIPA. For
detailed descriptions of the TBI registers (the MII register set for the ten-bit interface) please refer
to Section 14.5.4, “Ten-Bit Interface (TBI).”
30
WWR
Write with response. This bit gives the user the assurance that a BD was updated in memory before it
receives an interrupt concerning a transmit or receive frame.
0 Do not wait for acknowledgement from system for BD writes before setting IEVENT bits.
1 Before setting IEVENT bits TXB, TXF, TXE, IE, XFUN, LC, CRL/XDA, RXB, RXF, the TSEC waits for
acknowledgement from system that the transmit or receive BD being updated was stored in memory.
31
WOP
Wait or poll. This bit, which is applicable only to the transmitter, provides the user the option for the TSEC
to periodically poll TxBD or to wait for software to tell TSEC to fetch a buffer descriptor. While operating
in the “Wait” mode, the TSEC allows two additional reads of a descriptor which is not ready before
entering a halt state. No interrupt is driven. (IEVENT[TXE] is clear.) To resume transmission, software
must clear TSTAT[THLT].
Note that if this bit is set, the user must ensure that all TxBDs involved with sending a frame have their
ready bits set before any transmission begins. Otherwise, TSEC behaves in a boundedly undefined
fashion.
A buffer descriptor is considered not ready when its TxBD[Ready] field is clear or its TxBD[Data Length]
field is zero. It is considered ready when both TxBD[Ready] is set and TxBD[Data Length] is non-zero.
In Wait mode (DMACTRL[WOP] is set) when TSEC is processing a frame and an intermediate TxBD’s
ready bit is cleared, TSEC does not halt, but instead continuously polls the same TxBD until the TxBD
becomes ready or an Ethernet interface error or a memory error is encountered. CxBD becomes ready,
TSEC reports the error in both the IEVENT register as well as the TxBD for Ethernet interface errors, or
the IEVENT[EBERR] for a memory error and sets the TSTAT[THLT] bit. Note that software must
eventually set all of its TxBDs for a frame, because TSEC continuously reads an intermediate TxBD until
it becomes ready if insufficient data has been read to surpass the FIFO Transmit Threshold
(FIFO_TX_THR) register value.
0 Poll TxBD every 512 clocks.
1 Do not poll, but wait for a write to TSTAT[THLT].
0
26 27
31
R 0000000
0000000
00000000
00000
TBIPA
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_4030; TSEC2:0x2_5030
Figure 14-13. TBIPA Register Definition
Table 14-10. DMACTRL Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com