Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 683 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 683 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 679Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 680Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 681Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 682Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 683Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 684Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 685Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 686Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 687Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 683 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-57
14.5.3.6.9 MII Management Control Register (MIIMCON)
The MIIMCON register is written by the user. Figure 14-43 shows the MIIMCON register.
Table 14-41 describes the fields of the MIIMCON register.
14.5.3.6.10MII Management Status Register (MIIMSTAT)
The MIIMSTAT, shown in Figure 14-44, is read-only by the user.
Table 14-42 describes the fields of the MIIMSTAT register.
015 16
31
R 0
0
0
0
000
00
00
00
00
0
PHY Control
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_452C; TSEC2:0x2_552C
Figure 14-43. MII Management Control Register Definition
Table 14-41. MIIMCON Field Descriptions
Bits
Name
Description
0–15
—
Reserved
16–31
PHY
Control
If written, an MII Mgmt write cycle is performed using this 16-bit data, the pre-configured PHY
address (at MIIMADD[PHY Address]) and the register address (at MIIMADD[Register Address]).
Its default value is 0x0000.
015 16
31
R 0
000
000
000
000
000
PHY Status
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_4530; TSEC2:0x2_5530
Figure 14-44. MIIMSTAT Register Definition
Table 14-42. MIIMSTAT Field Descriptions
Bits
Name
Description
0–15
—
Reserved
16–31
PHY Status
Following an MII Mgmt read cycle, the 16-bit data can be read from this location. Its default value
is 0x0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com