Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 688 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 688 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 684Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 685Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 686Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 687Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 688Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 689Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 690Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 691Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 692Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 688 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-62
Freescale Semiconductor
Three-Speed Ethernet Controllers
Table 14-48 describes the fields of the TR127 register.
14.5.3.7.3 Transmit and Receive 128- to 255-Byte Frame Counter Register
(TR255)
Figure 14-51 shows the TR255 register.
Table 14-49 describes the fields of the TR255 register.
14.5.3.7.4 Transmit and Receive 256- to 511-Byte Frame Counter Register
(TR511)
Figure 14-52 shows the TR511 register.
Table 14-48. TR127 Field Descriptions
Bits
Name
Description
0–9
—
Reserved
10–31 TR127 Transmit and receive 65- to 127-byte frame counter—Increment for each good or bad frame transmitted
and received which is 65 to 127 bytes in length, inclusive (excluding preamble and SFD but including
FCS bytes)
09 10
31
R 0 0 0000 0000
TR255
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_4688; TSEC2:0x2_5688
Figure 14-51. Transmit and Receive 128- to 255-Byte Frame Register Definition
Table 14-49. TR255 Field Descriptions
Bits
Name
Description
0–9
—
Reserved
10–31 TR255 Transmit and receive 128- to 255-byte frame counter—Increments for each good or bad frame
transmitted and received which is 128 to 255 bytes in length, inclusive (excluding preamble and SFD
but including FCS bytes)
09 10
31
R 0 0 00000000
TR511
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_468C; TSEC2:0x2_568C
Figure 14-52. Transmit and Receive 256- to 511-Byte Frame Register Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com