Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 692 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 692 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 688Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 689Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 690Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 691Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 692Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 693Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 694Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 695Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 696Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 692 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-66
Freescale Semiconductor
Three-Speed Ethernet Controllers
Table 14-56 describes the fields of the RFCS register.
14.5.3.7.11 Receive Multicast Packet Counter Register (RMCA)
Figure 14-59 shows the RMCA register.
Table 14-57 describes the fields of the RMCA register.
14.5.3.7.12Receive Broadcast Packet Counter Register (RBCA)
Figure 14-59 shows the RBCA register.
Table 14-56. RFCS Field Descriptions
Bits
Name
Description
0–15
—
Reserved
16–31 RFCS Receive FCS error counter. Increments for each frame received that has an integral 64 to 1518 length
and contains a frame check sequence error.
09
10
31
R 0
00
000
00
00
RMCA
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_46A8; TSEC2:0x2_56A8
Figure 14-59. Receive Multicast Packet Counter Register Definition
Table 14-57. RMCA Field Descriptions
Bits
Name
Description
0–9
—
Reserved
10–31 RMCA Receive multicast packet counter. Increments for each multicast good frame of lengths 64 to 1518 (non
VLAN) or 1522 (VLAN), excluding broadcast frames. This count does not include range/length errors.
09
10
31
R 000
000
00
00
RBCA
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_46AC; TSEC2:0x2_56AC
Figure 14-60. Receive Broadcast Packet Counter Register Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com