Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 695 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 695 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 691Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 692Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 693Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 694Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 695Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 696Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 697Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 698Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 699Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 695 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-69
Table 14-62 describes the fields of the RALN register.
14.5.3.7.17Receive Frame Length Error Counter Register (RFLR)
Figure 14-65 shows the RFLR register.
Table 14-63 describes the fields of the RFLR register.
14.5.3.7.18Receive Code Error Counter Register (RCDE)
Figure 14-66 shows the RCDE register.
Table 14-62. RALN Field Descriptions
Bits
Name
Description
0–15
—
Reserved
16–31 RALN Receive alignment error counter. Increments for each received frame from 64 to 1518 (non VLAN) or
1522 (VLAN) which contains an invalid FCS and is not an integral number of bytes.
015 16
31
R 0
0 00000000 00000
0
RFLR
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_46C0; TSEC2:0x2_56C0
Figure 14-65. Receive Frame Length Error Counter Register Definition
Table 14-63. RFLR Field Descriptions
Bits
Name
Description
0–15
—
Reserved
16–31 RFLR Receive frame length error counter. Increments for each frame received in which the 802.3 length field
did not match the number of data bytes actually received (46 –1500 bytes). The counter does not
increment if the length field is not a valid 802.3 length, such as an ethertype value.
015 16
31
R 0 0 00000000 0 0 0 0 0
0
RCDE
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_46C4; TSEC2:0x2_56C4
Figure 14-66. Receive Code Error Counter Register Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com