Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 698 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 698 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 694Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 695Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 696Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 697Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 698Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 699Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 700Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 701Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 702Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 698 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-72
Freescale Semiconductor
Three-Speed Ethernet Controllers
Table 14-68 describes the fields of the RFRG register.
14.5.3.7.23Receive Jabber Counter Register (RJBR)
Figure 14-71 shows the RJBR register.
Table 14-69 describes the fields of the RJBR register.
14.5.3.7.24Receive Dropped Packet Counter Register (RDRP)
Figure 14-72 shows the RDRP register.
Table 14-68. RFRG Field Descriptions
Bits
Name
Description
0–15
—
Reserved
16–31 RFRG Receive fragments counter. Increments for each frame received which is less than 64 bytes in length
and contains an invalid FCS. This includes integral and non-integral lengths.
015 16
31
R 0 0 0 00 000 00 0
0
0 0
0
0
RJBR
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_46D8; TSEC2:0x2_56D8
Figure 14-71. Receive Jabber Counter Register Definition
Table 14-69. RJBR Field Descriptions
Bits
Name
Description
0–15
—
Reserved
16–31
RJBR Receive jabber counter. Increments for frames received which exceed 1518 (non VLAN) or 1522 (VLAN)
bytes and contain an invalid FCS. This includes alignment errors.
015 16
31
R 0 0 0 0 0000 00 0
0
0 0
0
0
RDRP
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_46DC; TSEC2:0x2_56DC
Figure 14-72. Receive Dropped Packet Counter Register Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com