Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 690 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 690 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 686Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 687Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 688Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 689Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 690Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 691Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 692Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 693Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 694Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 690 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-64
Freescale Semiconductor
Three-Speed Ethernet Controllers
Table 14-52 describes the fields of the TRMAX register.
14.5.3.7.7 Transmit and Receive 1519- to 1522-Byte VLAN Frame Counter
Register (TRMGV)
Figure 14-55 shows the TRMGV register.
Table 14-53 describes the fields of the TRMGV register.
14.5.3.7.8 Receive Byte Counter Register (RBYT)
Figure 14-56 shows the RBYT register.
Table 14-52. TRMAX Field Descriptions
Bits
Name
Description
0–9
—
Reserved
10–31 TRMAX Increments for each good or bad frame transmitted and received which is 1024 to 1518 bytes in length,
inclusive (excluding preamble and SFD but including FCS bytes)
09 10
31
R 0 0 0 00 00 000
TRMGV
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_4698; TSEC2:0x2_5698
Figure 14-55. Transmit and Receive 1519- to 1522-Byte VLAN Frame Register Definition
Table 14-53. TRMGV Field Descriptions
Bits
Name
Description
0–9
—
Reserved
10–31 TRMGV Increments for each good or bad frame transmitted and received which is 1519 to 1522 bytes in length,
inclusive (excluding preamble and SFD but including FCS bytes)
01
31
R0
RBYT
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_469C; TSEC2:0x2_569C
Figure 14-56. Receive Byte Counter Register Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com