Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 725 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 725 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 721Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 722Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 723Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 724Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 725Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 726Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 727Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 728Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 729Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 725 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-99
Table 14-105 describes the fields of the ANNPT register.
14.5.4.8 AN Link Partner Ability Next Page Register (ANLPANP)
Figure 14-106 shows the ANLPANP register.
Table 14-106 describes the ANLPANP fields.
Table 14-105. ANNPT Field Descriptions
Bits
Name
Description
0
Next Page
Next page indication. [Reference MII bit 7.15 in IEEE 802.3, 2000 Edition Clause 28.2.4]
0 Last page
1 Additional next pages to follow
1
Ack
Acknowledge. Write 0, ignore on read. [Reference MII bit 7.14] This bit is read-only.
2
Msg Page
Message page. [Reference MII bit 7.13]
0 Unformatted page
1 Message page
3
Ack2
Acknowledge 2. Used by the next page function to indicate that the device has the ability to comply
with the message. [Reference MII bit 7.12]
0 The local device cannot comply with message.
1 The local device complies with message.
4
Toggle
Toggle. Used to ensure synchronization with the link partner during next page exchange. This bit
always takes the opposite value of the toggle bit of the previously-exchanged link code word. The
initial value in the first next page transmitted is the inverse of bit 11 in the base link code word.
[Reference MII bit 7.11] This bit is read-only.
0 Toggle bit of the previously-exchanged link code word was set
1 Toggle bit of the previously-exchanged link code word was clear
5–15
Message/
Unformatted
Code Field
Message pages are formatted pages that carry a pre-defined message code, which is enumerated
in IEEE 802.3u/Annex 28C. Unformatted code fields take on an arbitrary value. [Reference MII field
7.10:0]
01
2
3
4
5
15
R Next Page
Ack
Msg Page
Ack2
Toggle
Message/Unformatted Code Field
W
Reset
0000_0000_0000_0000
Offset
TBIPA offset + 0x08
Figure 14-106. AN Link Partner Ability Next Page Register Definition
Table 14-106. ANLPANP Field Descriptions
Bits
Name
Description
0
Next Page
Next page. The link partner sets and clears this bit.
0 Last page from link partner
1 Additional next pages to follow
1
Ack
Acknowledge. Ignore on read. [Reference MII bit 8.14] This bit is read-only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com