Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 729 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 729 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 725Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 726Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 727Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 728Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 729Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 730Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 731Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 732Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 733Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 729 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-103
Table 14-109 describes the fields of the TBICON register.
14.6 Functional Description
This section describes many of the functions of the TSEC controller.
14.6.1 Connecting to Physical Interfaces
This section describes how to connect the TSEC to various interfaces: MII, GMII, RGMII, RTBI
and TBI. To avoid confusion, all of the buses follow the bus conventions used in the IEEE 802.3
specification, because each PHY follows the same convention. (For instance, in the bus
TSECn_TXD[7:0], bit 7 is the MSB and bit 0 is the LSB).
Table 14-109. TBICON Field Descriptions
Bits
Name
Description
0
Soft_Reset
Soft reset. This bit is cleared by default.
0 Normal operation
1 Resets the functional modules in theTBI
1
—
Reserved. (Ignore on read)
2
Disable Rx Dis Disable receive disparity. This bit is cleared by default.
0 Normal operation
1 Disables the running disparity calculation and checking in the receive direction
3
Disable Tx Dis Disable transmit disparity. This bit is cleared by default.
0 Normal operation
1 Disables the running disparity calculation and checking in the transmit direction
4–6
—
Reserved
7AN
Sense
Auto-negotiation sense enable. This bit is cleared by default.
0 IEEE 802.3z Clause 37 behavior is desired, which results in the link not completing.
1 Allow the auto-negotiation function to sense either a Gigabit MAC in auto-negotiation
bypass mode or an older Gigabit MAC without auto-negotiation capability. If sensed,
auto-negotiation complete becomes true; however, the page received is low, indicating no
page was exchanged. Management can then act accordingly.
8–9
—
Reserved
10
Clock
Select
Clock select. This bit is cleared by default.
0 Allow the TBI to accept dual split-phase 62.5-MHz receive clocks.
1 Configure the TBI to accept a 125-MHz receive clock from the SerDes/PHY. The 125-MHz
clock must be physically connected to ‘PMA receive clock 0’.
11
MII
Mode
This bit describes the configuration mode of the TBI. The user reads a 1 while the TBI is
configured in GMII/MII mode (connected to a GMII/MII PHY) and a 0 while configured in TBI
mode (connected to a 1000BASE-X SerDes). Its value is the inverse of ECNTRL[TBIM].
0TBI mode
1 GMII mode
12–15
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com