Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 731 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 731 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 727Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 728Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 729Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 730Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 731Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 732Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 733Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 734Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 735Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 731 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-105
Figure 14-111. TSEC-GMII Connection
A GMII interface has 28 signals (TSECn_GTX_CLK + EC_GTX_CLK125 included), as defined
by the IEEE 802.3u standard, for connecting to an Ethernet PHY.
14.6.1.3 Reduced Gigabit Media-Independent Interface (RGMII)
This section describes the reduced gigabit media-independent interface (RGMII) intended to be
used between the PHYs and the GMII MAC. The RGMII is an alternative to the IEEE802.3u MII,
the IEEE802.3z GMII, and the TBI. The RGMII reduces the number of signals required to
interconnect the MAC and the PHY from a maximum of 28 signals (GMII) to 15 signals
(EC_GTX_CLK125 included) in a cost-effective and technology-independent manner. To
accomplish this objective, the data paths and all associated control signals are multiplexed using
both edges of the clock. For gigabit operation, the clocks operate at 125 MHz, and for 10/100
operation, the clocks operate at 2.5 MHz or 25 MHz, respectively. Figure 14-112 shows the basic
components of the gigabit reduced media-independent interface and the signals required to
establish the gigabit Ethernet controllers’ module connection with a PHY. The RGMII is
implemented as defined by the RGMII specification Version 1.2a 9/22/00.
Transmit Error (TSECn_TX_ER)
Transmit Nibble Data (TSECn_TXD[7:0])
Transmit Enable (TSECn_TX_EN)
Transmit Clock (TSECn_TX_CLK)
Collision Detect (TSECn_COL)
Receive Nibble Data (TSECn_RXD[7:0])
Receive Error (TSECn_RX_ER)
Receive Clock (TSECn_RX_CLK)
Receive Data Valid (TSECn_RX_DV)
Carrier Sense Output (TSECn_CRS)
Management Data I/O1 (EC_MDIO)
Management Data Clock1 (EC_MDC)
TSEC
Gigabit
PHY
Medium
1 The management signals (EC_MDC and EC_MDIO) are common to all of the Ethernet controllers’
connections in the system, assuming that each PHY has a different management address.
Gigabit Reference Clock (EC_GTX_CLK125)
Gigabit Transmit Clock (TSECn_GTX_CLK)
Ethernet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com