Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 737 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 737 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 733Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 734Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 735Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 736Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 737Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 738Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 739Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 740Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 741Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 737 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-111
Table 14-112 describes the signals shared by all interfaces.
14.6.2 Gigabit Ethernet Channel Operation
This section describes the operation of the TSEC. First, the software initialization sequence is
described. Next, the software (Ethernet driver) interface for transmitting and receiving frames is
reviewed. Address recognition and hash table algorithm features are also discussed. The section
concludes with interrupt handling, inter-packet gap time, and loop back descriptions.
14.6.2.1 Initialization Sequence
This section describes which registers are reset due to a hard or software reset and what registers
the user must initialize prior to enabling the TSEC.
14.6.2.1.1 Hardware-Controlled Initialization
A hard reset occurs when the system powers up. All TSEC registers and control logic are reset to
their default states after a hard reset has occurred.
14.6.2.1.2 User Initialization
After the system has undergone a hard reset, software must initialize certain basic TSEC registers.
Other registers can also be initialized during this time, but they are optional and must be
determined based on the requirements of the system. The module memory map in Table 14-3 lists
all the TSEC registers. Table 14-113 describes the minimum steps for register initialization.
Table 14-112. Shared Signals
Signals
I/O
# of signals
Function
EC_MDIO
I/O
1
Management interface I/O
EC_MDC
O
1
Management interface
clock
EC_GTX_CLK125
I
1
Reference clock
Sum
3
Table 14-113. Steps of Minimum Register Initialization
Description
1. Set, then clear MACCFG1 [Soft_Reset]
2. Initialize MACCFG2
3. Initialize MAC station address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com