Electronic Components Datasheet Search
  English  ▼

X  

MSP430 Datasheet(PDF) 34 Page - Texas Instruments

Part # MSP430
Description  AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430 Datasheet(HTML) 34 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 30Page - Texas Instruments MSP430 Datasheet HTML 31Page - Texas Instruments MSP430 Datasheet HTML 32Page - Texas Instruments MSP430 Datasheet HTML 33Page - Texas Instruments MSP430 Datasheet HTML 34Page - Texas Instruments MSP430 Datasheet HTML 35Page - Texas Instruments MSP430 Datasheet HTML 36Page - Texas Instruments MSP430 Datasheet HTML 37Page - Texas Instruments MSP430 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 88 page
background image
7.3.2.5 External Monitoring Inputs
The AFEx8101 have two analog inputs for external voltage sensing. Channels 1 and 2 for the CCS pointer are
for external monitoring inputs that can be measured by pins AIN0 and AIN1, respectively. The input range for the
analog inputs is configurable to either 0 V to 1.25 V or 0 V to 2.5 V. The analog inputs conversion values are
stored in straight binary format in the ADC registers. The ADC resolution can be computed by Equation 7:
1LSB=VRANGE212
(7)
where
• VRANGE = 2.5 V for the 0‑V to 2.5‑V input range or 1.25 V for the 0‑V to 1.25‑V input range.
Figure 7-10 and Table 7-6 detail the transfer characteristics.
NFS C+1
PFSC
MC + 1
MC
VIN
NFS C
1 LSB
(VRANGE ± 1 LSB)
(VRANGE/2 + 1 LSB)
VRANGE/2
Figure 7-10. ADC Transfer Characteristics
Table 7-6. Transfer Characteristics
INPUT VOLTAGE
CODE
DESCRIPTION
IDEAL OUTPUT CODE
≤1 LSB
NFSC
Negative full-scale code
000
1 LSB to 2 LSB
NFSC + 1
Negative full-scale code plus 1
001
(VRANGE / 2) to (VRANGE / 2) + 1 LSB
MC
Midcode
800
(VRANGE / 2) + 1 LSB to (VRANGE / 2) + 2 LSB
MC + 1
Midcode plus 1
801
≥ VRANGE – 1 LSB
PFSC
Positive full-scale code
FFF
For these external monitoring inputs, the ADC is configurable for both data rate and voltage range. The data rate
is set to either 640 Hz, 1280 Hz, 2560 Hz, or 3840 Hz with the ADC_CFG.CONV_RATE bits. The range of the
ADC measurement is set with the ADC_CFG.AIN_RANGE bit. The ADC range is 2 × VREF when the bit = 0; the
ADC range is VREF when the bit = 1. ADC_CFG.AIN_RANGE only controls the range if PVDD > 2.7 V. When
PVDD = 1.8 V, the range is VREF regardless of the setting.
When the ADC conversion is completed for AIN0 and AIN1, the resulting ADC data are stored in the
ADC_AIN0.DATA and ADC_AIN1.DATA bits at 24h and 25h of the register map.
If the external monitoring inputs are not used, connect the AIN0 and AIN1 pins to GND through a 1-kΩ resistor.
AFE78101, AFE88101
SLASF21 – DECEMBER 2022
www.ti.com
34
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AFE78101 AFE88101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com