Electronic Components Datasheet Search
  English  ▼

X  

MSP430 Datasheet(PDF) 37 Page - Texas Instruments

Part # MSP430
Description  AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430 Datasheet(HTML) 37 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 33Page - Texas Instruments MSP430 Datasheet HTML 34Page - Texas Instruments MSP430 Datasheet HTML 35Page - Texas Instruments MSP430 Datasheet HTML 36Page - Texas Instruments MSP430 Datasheet HTML 37Page - Texas Instruments MSP430 Datasheet HTML 38Page - Texas Instruments MSP430 Datasheet HTML 39Page - Texas Instruments MSP430 Datasheet HTML 40Page - Texas Instruments MSP430 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 88 page
background image
7.3.3.1 Alarm Action Configuration Register
The AFEx8101 implements an alarm action configuration register (ALARM_ACT, Table 7-24). Writing to this
register selects the action that the device automatically takes in case of a specific alarm condition. The
ALARM_ACT register determines how the main DAC responds to an alarm event from conversion on self-
diagnostics channels, AIN0, AIN1, and TEMP, as well as a CRC and WDT fault, a VREF fault, a TEMP_HI fault,
and a TEMP_LO fault. Only these faults can cause a response by the DAC. Other alarm status events can
trigger the ALARM pin. There are four options for alarm action. In case different settings are chosen for different
alarm conditions, the following (low-to-high) priority is considered when taking action:
• 0. → No action
• 1. → DAC CLEAR state
• 2. → VOUT alarm voltage
• 3. → VOUT Hi-Z
If the alarm event occurs and option 1 is selected, then the DAC is forced to the clear code and clear range. This
operation is done by controlling the input code to the DAC and the range of the DAC.
If the alarm event occurs and option 2 is selected, then VOUT is forced to the alarm voltage. The alarm voltage
is controlled by either pin or register bit. If SPECIAL_CFG.AIN1_ENB = 0, then the AIN1 pin controls alarm
polarity. Also, register bit SPECIAL_CFG.ALMV_POL can be used. If either of these signals = 1, then the alarm
voltage is high; otherwise, the alarm voltage is low. The SPECIAL_CFG register is only reset with POR, so the
user setting remains intact through hardware or software resets.
If the alarm event occurs and option 3 is selected, then the VOUT buffer is put into Hi-Z.
If multiple events occur, then the highest setting takes precedence. Option 3 has the highest priority.
www.ti.com
AFE78101, AFE88101
SLASF21 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: AFE78101 AFE88101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com