Electronic Components Datasheet Search
  English  ▼

X  

MSP430 Datasheet(PDF) 54 Page - Texas Instruments

Part # MSP430
Description  AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430 Datasheet(HTML) 54 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 50Page - Texas Instruments MSP430 Datasheet HTML 51Page - Texas Instruments MSP430 Datasheet HTML 52Page - Texas Instruments MSP430 Datasheet HTML 53Page - Texas Instruments MSP430 Datasheet HTML 54Page - Texas Instruments MSP430 Datasheet HTML 55Page - Texas Instruments MSP430 Datasheet HTML 56Page - Texas Instruments MSP430 Datasheet HTML 57Page - Texas Instruments MSP430 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 88 page
background image
7.6.1 AFEx8101 Registers
Complex bit access types are encoded to fit into small table cells. Table 7-11 shows the codes that are used for
access types in this section.
Table 7-11. AFEx8101 Access-Type Codes
Access Type
Code
Description
Read Type
R
R
Read
Write Type
W
W
Write
W
WO
Write only
W
WSC
Write self clear
Reset or Default Value
-n
Value after reset or the default value
Register Array Variables
i,j,k,l,m,n
When used in a register name, an offset, or an address, these variables refer to the value of a register array
where the register is part of a group of repeating registers. The register groups form a hierarchical structure
and the array is represented with a formula.
y
When used in a register name, an offset, or an address, this variable refers to the value of a register array.
7.6.1.1 NOP Register (Offset = 0h) [Reset = 0000h]
Return to the Register Map.
Table 7-12. NOP Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
NOP
WO
0h
No operation. Data written to this field have no effect. Always reads
zeros.
7.6.1.2 DAC_DATA Register (Offset = 1h) [Reset = 0000h]
Return to the Register Map.
DAC code for VOUT.
Table 7-13. DAC_DATA Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
DATA
R/W
0h
Data.
DAC code for VOUT.
AFE78101, AFE88101
SLASF21 – DECEMBER 2022
www.ti.com
54
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AFE78101 AFE88101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com