Electronic Components Datasheet Search
  English  ▼

X  

MSP430 Datasheet(PDF) 79 Page - Texas Instruments

Part # MSP430
Description  AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430 Datasheet(HTML) 79 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 75Page - Texas Instruments MSP430 Datasheet HTML 76Page - Texas Instruments MSP430 Datasheet HTML 77Page - Texas Instruments MSP430 Datasheet HTML 78Page - Texas Instruments MSP430 Datasheet HTML 79Page - Texas Instruments MSP430 Datasheet HTML 80Page - Texas Instruments MSP430 Datasheet HTML 81Page - Texas Instruments MSP430 Datasheet HTML 82Page - Texas Instruments MSP430 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 88 page
background image
8.4 Power Supply Recommendations
The AFEx8101 can operate within a single-supply range of 2.7 V to 5.5 V applied to the PVDD pin. When 2.7 V
to 5.5 V is provided to PVDD, an internal LDO is enabled that drives VDD internally. VDD pin must have 1 μF to
10 μF of capacitance for operation.
The AFEx8101 can also be operated with a lower supply voltage of 1.71 V to 1.89 V applied to the PVDD pin.
When the voltage is within this lower range, the internal LDO is not operational, and the lower external supply on
the PVDD pin must be tied to the VDD pin.
The digital interface supply, IOVDD, can operate with a supply range of 1.71 V to 5.5 V.
Switching power supplies and DC/DC converters often have high-frequency glitches or spikes riding on the
output voltage. In addition, digital components can create similar high-frequency spikes. This noise can easily
couple into the DAC output voltage or current through various paths between the power connections and analog
output. To further reduce noise, include bulk and local decoupling capacitors. The current consumption on the
PVDD and IOVDD pins, the short-circuit current limit for the voltage output, and the current ranges for the
current output are listed in the Electrical Characteristics. The power supply must meet the requirements listed in
the Recommended Operating Conditions.
8.5 Layout
8.5.1 Layout Guidelines
To maximize the performance of the AFEx8101 in any application, follow good layout practices and proper circuit
design. The following recommendations are specific to the device:
• For best performance, dedicate an entire PCB layer to a ground plane and do not route any other signal
traces on this layer. However, depending on restrictions imposed by specific end equipment, a dedicated
ground plane is not always practical. If ground-plane separation is necessary, make a direct connection of the
planes at the DAC. Do not connect individual ground planes at multiple locations because this configuration
creates ground loops.
• IOVDD and PVDD must have 100-nF decoupling capacitors local to the respective pins. VDD must have
at least a 1-μF decoupling capacitor used for the internal LDO, or for an external 1.8-V supply. Use a
high-quality ceramic-type NP0 or X7R capacitor for best performance across temperature and a very low
dissipation factor.
• Place a 100-nF reference capacitor close to the VREFIO pin.
• Avoid routing switching signals near the reference input.
• Maintain proper placement for the digital and analog sections with respect to the digital and analog
components. Separate the analog and digital circuitry for less coupling into neighboring blocks and to
minimize the interaction between analog and digital return currents.
• For designs that include protection circuits:
– Place diversion elements, such as TVS diodes or capacitors, close to off-board connectors to make sure
that return current from high-energy transients does not cause damage to sensitive devices
– Use large, wide traces to provide a low-impedance path to divert high-energy transients away from the I/O
pins.
www.ti.com
AFE78101, AFE88101
SLASF21 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
79
Product Folder Links: AFE78101 AFE88101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com