Electronic Components Datasheet Search
  English  ▼

X  

ADM7151 Datasheet(PDF) 34 Page - Analog Devices

Part # ADM7151
Description  Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7151 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADM7151 Datasheet HTML 30Page - Analog Devices ADM7151 Datasheet HTML 31Page - Analog Devices ADM7151 Datasheet HTML 32Page - Analog Devices ADM7151 Datasheet HTML 33Page - Analog Devices ADM7151 Datasheet HTML 34Page - Analog Devices ADM7151 Datasheet HTML 35Page - Analog Devices ADM7151 Datasheet HTML 36Page - Analog Devices ADM7151 Datasheet HTML 37Page - Analog Devices ADM7151 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
Data Sheet
LT3097
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 34 of 45
The LT3097 is a dual, positive and negative, high-performance,
low-dropout, linear regulator that features Analog Devices, Inc., ul-
tra-low noise and ultra-high PSRR architecture for powering noise-
sensitive applications. Designed as a precision-current source fol-
lowed by a high-performance, rail-to-rail voltage buffer, the LT3097
can provide rail-to-rail output voltages, 0 V to 15 V for the positive
output and 0 V to –19.5 V for the negative output. The LT3097 also
features a programmable current limit, fast start-up capability, and
programmable power good for both positive and negative sides.
The LT3097 is simple to use and incorporates all the protection
features expected in high-performance regulators. Short-circuit pro-
tection, safe-operating area protection, and thermal shutdown with
hysteresis for both positive and negatives sides are included. The
positive regulator also includes reverse-battery protection and re-
verse-current protection.
The LT3097 is available in a thermally enhanced, low-profile 22-
lead 6 mm × 3 mm, Plastic DFN package with exposed backside
pads for each regulator, providing optimum thermal performance.
OUTPUT VOLTAGE
The LT3097 positive regulator incorporates a precision 100 μA
current reference flowing out of the SETP pin, which also connects
to the inverting input of the error amplifier of the positive regula-
tor. Similarly, the LT3097 negative regulator incorporates precision
100 μA current reference flowing into the SETN pin, which also
connects to the inverting input of the error amplifier of the negative
regulator. Figure 124 illustrates that connecting resistors from SETP
to the ground and from SETN to the ground generates reference
voltages for the respective error amplifiers. These reference voltag-
es are the product of the SETP pin current and the SETP pin
resistor for the positive regulator, and the product of the SETN
pin current and the SETN pin resistor for the negative regulator.
The unity-gain configuration of the error amplifiers produces low-im-
pedance versions of these voltages on the noninverting inputs of
the error amplifiers, that are, the OUTSP pin, which is externally
connected to the OUTP pin for the positive regulator; and the
OUTSN pin, which is externally connected to the OUTN pin for the
negative regulator.
Figure 124. Basic Adjustable Regulator
The rail-to-rail error amplifier and current reference of the positive
regulator allow for a wide output voltage range from 0 V (using
a 0 Ω resistor) to VINP minus dropout, up to 15 V. A PNP-based
input pair is active for a 0 V to 0.6 V output and an NPN-based
input pair is active for output voltages greater than 1.3 V, with a
smooth transition between the two input pairs from 0.6 V to 1.3 V
output. While the NPN-based input pair is designed to offer the best
overall performance for the positive regulator, see the Table 1 for
details on the offset voltage, SETP pin current, output noise, and
PSRR variation with the error-amplifier input pair. The rail-to-rail
error amplifier and current reference of the negative regulator allow
for a wide output voltage range from 0 V (using a 0 Ω resistor)
to VINN minus dropout, up to –19.5 V. An NPN-based input pair is
active for a 0 V to –0.8 V output and a PNP-based input pair is
active for output voltages less than –1.5 V, with a smooth transition
between the two input pairs from –0.8 V to –1.5 V output. While the
PNP-based input pair is designed to offer the best overall perform-
ance for the negative regulator, see the Table 1 for details on the
offset voltage, SETN pin current, output noise, and PSRR variation
with the error-amplifier input pair. Table 4 lists many common output
voltages and their corresponding 1% RSETP and RSETN resistors.
Table 4. 1% Resistor for Common Output Voltages
RSETP/RSETN (kΩ)
VOUTP (V)
VOUTN (V)
24.9
2.5
–2.5
33.2
3.3
–3.3
49.9
5
–5
121
12
–12
150
15
–15
The benefit of using a current reference compared to the typical
voltage reference used in conventional regulators is that the regu-
lator always operates in a unity-gain configuration, independent
of the programmed output voltage. This configuration allows the
positive and the negative regulators of the LT3097 to have loop
gain, frequency response, and bandwidth independent of the output
voltage. As a result, noise, PSRR, and transient performance do
not change with output voltage. Moreover, because none of the er-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com